Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3800 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CP3800
Description  Switching Regulator Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP3800 Datasheet(HTML) 1 Page - Ceramate Technical

  CP3800 Datasheet HTML 1Page - Ceramate Technical CP3800 Datasheet HTML 2Page - Ceramate Technical CP3800 Datasheet HTML 3Page - Ceramate Technical CP3800 Datasheet HTML 4Page - Ceramate Technical CP3800 Datasheet HTML 5Page - Ceramate Technical CP3800 Datasheet HTML 6Page - Ceramate Technical CP3800 Datasheet HTML 7Page - Ceramate Technical CP3800 Datasheet HTML 8Page - Ceramate Technical CP3800 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Wide supply voltage operating range: 1.8 to13 V
• Low current consumption: Typically 5.5 mA
in operation, 1
µA or less in stand-by
• High speed operation is possible: Maximum
1 MHz
• The error amplifier gain is set inside the IC,
so peripheral components are minimized.
• Incorporates a soft start circuit.
• Incorporates a timer-latch type short circuit
detection circuit (SCP).
• Totem-pole type output with adjustable on/off
current (for NPN transistors)
• Incorporates a stand-by function.
Applications
• Power source for battery-powered equipment
• Power source for cameras, camcorders, VCRs,
PDAs, electronic data banks, and hand-held
Communication equipment
General Description
The CP3800 is a single-channel switching
regulator control IC for low voltage applications
incorporating a soft start function and short circuit
detection function. The device has a low minimum
operating voltage of 1.8 V and is ideal for the
power supply of battery-operated electronic
equipment.
The CP3800 can be operated on two types: non-
insulated input/output choppers (step-up, step-
down , and insulated input/output converters (fly-
back). The former type is used for DC/DC
converters and the latter type is used for DC/DC
converts and line-operation-type power supplies.
Block Diagram
CP3800
Switching Regulator Power Controller
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 19
Rev 1.0 Mar.31,2003


Similar Part No. - CP3800

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
CP3800SC HDSEMI-CP3800SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP3800

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5180 GMT-G5180 Datasheet
336Kb / 9P
   Switching Regulator Power Controller
G5180 GMT-G5180_15 Datasheet
105Kb / 1P
   Switching Regulator Power Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com