Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD4M64D16EV-6 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M64D16EV-6
Description  32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M64D16EV-6 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD4M64D16EV-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV-6 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HANBiT
HMD4M64D16EV
URL:www.hbe.co.kr
- 5 -
HANBiT Electronics Co.,Ltd.
REV.1.0 (August.2002)
ICC4 : EDO Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 4.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 3.3V
VOH : Output High Voltage Level (IOH= -2mA )
VOL : Output Low Voltage Level (IOL = 2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 3.3V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A11)
CIN1
-
20
pF
Input Capacitance (/W0,/W1,/OE0,/OE2)
C IN2
-
20
pF
Input Capacitance (/RAS0,/RAS2)
CIN3
-
73
pF
Input Capacitance (/CAS0-/CAS7)
CIN4
-
20
pF
Input/Output Capacitance (DQ0-63)
CDQ1
-
17
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 3V±10%, See notes 1,2.)
-5
-6
STANDARD OPERATION
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
84
104
ns
Read-modify-write cycle time
tRWC
116
140
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
13
15
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
ns
/OE to output in Low-Z
tOLZ
3
3
ns
Output buffer turn-off delay from /CAS
tOFF
3
13
3
13
ns
Transition time (rise and fall)
tT
2
50
2
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
13
15
ns
/CAS hold time
tCSH
38
45
ns
/CAS pulse width
tCAS
8
10K
10
10K
ns
/RAS to /CAS delay time
tRCD
20
37
20
45
ns
/RAS to column address delay time
tRAD
15
25
15
30
ns
/CAS to /RAS precharge time
tCRP
5
5
ns


Similar Part No. - HMD4M64D16EV-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
More results

Similar Description - HMD4M64D16EV-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
   32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M72D18EV HANBIT-HMD4M72D18EV Datasheet
524Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M72D18EG HANBIT-HMD4M72D18EG Datasheet
525Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD16M64D16EV HANBIT-HMD16M64D16EV Datasheet
73Kb / 8P
   128Mbyte(16Mx64) EDO Mode 4K/8K Ref. 3.3V, DIMM 168 pin
HMD4M72D18G HANBIT-HMD4M72D18G Datasheet
524Kb / 16P
   32Mbyte(4Mx72) Fast Page Mode 4K Ref. 5V, DIMM 168 pin
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com