Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP103G Datasheet(PDF) 3 Page - Ceramate Technical

Part # CP103G
Description  Dual OP Amp And Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103G Datasheet(HTML) 3 Page - Ceramate Technical

  CP103G Datasheet HTML 1Page - Ceramate Technical CP103G Datasheet HTML 2Page - Ceramate Technical CP103G Datasheet HTML 3Page - Ceramate Technical CP103G Datasheet HTML 4Page - Ceramate Technical CP103G Datasheet HTML 5Page - Ceramate Technical CP103G Datasheet HTML 6Page - Ceramate Technical CP103G Datasheet HTML 7Page - Ceramate Technical CP103G Datasheet HTML 8Page - Ceramate Technical CP103G Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 9
Rev 1.1 Oct. 28,2004
X
Blank: SOP-8, Tube
A: SOP-8, Taping
N: DIP-8, Tube
Blank: VREF±1%
G: VREF±0.5%
Ordering Information
CP103 X
Parameter
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
40
V
Op Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIN
- 0.3 to VCC + 0.3
V
Op Amp 2 Input Differential Voltage (Pins 5, 6)
VID
40
V
Voltage Reference Cathode Current (Pin 3)
IK
30
mA
Power Dissipation
PD
DIP-8
800
mW
SOP-8
500
Storage Temperature Range
TSTG
-65 to 150
oC
ESD Protection Voltage (Human Body Model)
≥ 2000
V
Absolute Maximum Ratings (Note 1)
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings " may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings " for extended periods may affect device reliability.
Parameter
Min
Max
Unit
Supply Voltage
3
36
V
Ambient Temperature
-40
105
oC
Recommended Operating Conditions


Similar Part No. - CP103G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
logo
List of Unclassifed Man...
CP1030A ETC-CP1030A Datasheet
315Kb / 3P
   Transhield CP1000 Series
More results

Similar Description - CP103G

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com