Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO393A Datasheet(PDF) 4 Page - Ceramate Technical

Part # CO393A
Description  Dual comparators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CO393A Datasheet(HTML) 4 Page - Ceramate Technical

  CO393A Datasheet HTML 1Page - Ceramate Technical CO393A Datasheet HTML 2Page - Ceramate Technical CO393A Datasheet HTML 3Page - Ceramate Technical CO393A Datasheet HTML 4Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CO393
Dual comparators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 4
Rev 1.0 Apr. 28, 2003
Operation notes
(1) Handling unused circuits
If a circuit is not in use, we recommend connecting it
as shown in Figure 7, so that its input is connected to
the potential within the in-phase input voltage range
(VICM) and the output is left open.
VCC
VEE
+
Fig. 7 Example of unused circuit connection
Open
(no connected)
To potential
in VICM
External dimensions (Units: mm)
DIP8
SOP8
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
0.5
± 0.1
85
14
9.3
± 0.3
0.3
± 0.1
2.54
0
° ~ 15°
7.62


Similar Part No. - CO393A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32D6 HANGJING-CO32D6 Datasheet
323Kb / 1P
   OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32H4 HANGJING-CO32H4 Datasheet
428Kb / 1P
   OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32P6 HANGJING-CO32P6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results

Similar Description - CO393A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
logo
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
logo
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17393A RENESAS-HA17393A Datasheet
102Kb / 9P
   Dual Comparators
HA17393B RENESAS-HA17393B Datasheet
119Kb / 8P
   Dual Comparators
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com