Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD4M36M9EAG-6 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M36M9EAG-6
Description  16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M36M9EAG-6 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMD4M36M9EAG-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG-6 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HANBit
HMD4M36M9EG, HMD4M36M9EA
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV. 1.0. (August. 2002)
- 3 -
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage on Any Pin Relative to Vss
VIN ,OUT
-1V to 7.0V
Voltage on Vcc Supply Relative to Vss
Vcc
-1V to 7.0V
Power Dissipation
PD
9W
Storage Temperature
TSTG
-55oC to 150oC
Short Circuit Output Current
IOS
50mA
w Permanent device damage may occur if " Absolute Maximum Ratings" are exceeded. Functional operation should be
restricted to the conditions as detailed in the operational sections of this data sheet.
Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
( Voltage reference to VSS, TA=0 to 70
o C )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input High Voltage
VIH
2.4
-
Vcc+1
V
Input Low Voltage
VIL
-1.0
-
0.8
V
DC AND OPERATING CHARACTERISTICS
SYMBOL
SPEED
MIN
MAX
UNITS
-5
-
990
mA
ICC1
-6
-
900
mA
ICC2
-
18
mA
-5
-
990
mA
ICC3
-6
-
900
mA
-5
-
990
mA
ICC4
-6
-
900
mA
ICC5
-
9
mA
-5
-
990
mA
ICC6
-6
-
900
mA
Il(L)
-40
45
µA
IO(L)
-5
5
µA
VOH
2.4
-
V
VOL
-
0.4
V
ICC1 : Operating Current * (/RAS , /CAS , Address cycling @tRC=min.)
ICC2 : Standby Current ( /RAS=/CAS=VIH )
ICC3 : /RAS Only Refresh Current * ( /CAS=VIH, /RAS, Address cycling @tRC=min )
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )


Similar Part No. - HMD4M36M9EAG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M9AG HANBIT-HMD4M36M9AG Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-5 HANBIT-HMD4M36M9AG-5 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-6 HANBIT-HMD4M36M9AG-6 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9G HANBIT-HMD4M36M9G Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9G-5 HANBIT-HMD4M36M9G-5 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
More results

Similar Description - HMD4M36M9EAG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD1M36M3EG HANBIT-HMD1M36M3EG Datasheet
53Kb / 7P
   4Mbyte(1Mx36) 72-pin SIMM EDO with Parity MODE, 1K Ref. 5V
HMD4M36M9G HANBIT-HMD4M36M9G Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com