Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD1M32M2GL-5 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD1M32M2GL-5
Description  4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD1M32M2GL-5 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD1M32M2GL-5 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD1M32M2GL-5 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HANBit
HMD1M32M2GL
URL:www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.1.0 (August.2002)
4
Note: 1. Icc depends on output load condition when the device is selected.
Icc (max) is specified at the output open condition.
2. Address can be changed once or less while /RAS = VIL.
3. Address can be changed once or less while /CAS = VIH
CAPACITANCE ( T
A=25
o
C, Vcc = 5V+/- 10%, f = 1Mhz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTE
Input Capacitance (A0-A9)
CI1
-
5
pF
1
Input Capacitance (/WE,/RAS, /CAS0-
/CAS3,/OE)
C I2
-
7
pF
1,2
Input/Output Capacitance (DQ0-31)
CDQ1
-
7
pF
1,2
Note: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. /CAS = VIH to disable DOUT.
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 5V±10%, V
IH /VIL = 2.4/0.8V, VOH /VOL =2.4/0.4V, See notes 1,2)
-5
-6
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
NOTE
tRC
Random Read or Write Cycle Time
90
110
ns
tRWC
Read-modify-writer cycle time
133
155
ns
tRAC
Access Time from /RAS
50
60
ns
3,4,10
tCAC
Access Time from /CAS
15
15
ns
3,4,5
Taa
Access Time from Column Address
25
30
ns
3,10
tOFF
Output Buffer Turn-off Time
0
13
0
15
ns
6
tT
Transition Time (Rise and Fall)
3
50
3
50
ns
2
TRP
/RAS Precharge Time
30
40
ns
tRAS
/RAS Pulse Width
50
10K
60
10K
ns
tRSH
/RAS Hold Time
13
15
ns
tCSH
/CAS Hold Time
50
60
ns
tCAS
/CAS Pulse Width
13
10K
15
10K
ns
tRCD
/RAS to /CAS Delay Time
20
37
20
45
ns
4
tRAD
/RAS to Column Address Delay Time
15
25
15
30
ns
10
tCRP
/CAS to /RAS Precharge Time
5
5
ns
tASR
Row Address Setup Time
0
0
ns
tRAH
Row Address Hold Time
10
10
ns
tASC
Column Address Setup Time
0
0
ns
11
tCAH
Column Address Hold Time
10
10
ns
11
tRAL
Column Address to /RAS Lead Time
25
30
ns
tRCS
Read Command Setup Time
0
0
ns
tRCH
Read Command Hold Time to /CAS
0
0
ns
8


Similar Part No. - HMD1M32M2GL-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-6 HANBIT-HMD1M32M2G-6 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-7 HANBIT-HMD1M32M2G-7 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results

Similar Description - HMD1M32M2GL-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
HMD4M32M8G HANBIT-HMD4M32M8G Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD2564Z1 HANBIT-HMD2564Z1 Datasheet
211Kb / 6P
   1Mbit(256x4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD4M1Z1 HANBIT-HMD4M1Z1 Datasheet
209Kb / 6P
   4Mbit(4Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M1Z1 HANBIT-HMD1M1Z1 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M4Z1 HANBIT-HMD1M4Z1 Datasheet
210Kb / 6P
   4Mbit(1Mx4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com