Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 1N4148
Description  High-speed diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4148 Datasheet(HTML) 6 Page - NXP Semiconductors

  1N4148 Datasheet HTML 1Page - NXP Semiconductors 1N4148 Datasheet HTML 2Page - NXP Semiconductors 1N4148 Datasheet HTML 3Page - NXP Semiconductors 1N4148 Datasheet HTML 4Page - NXP Semiconductors 1N4148 Datasheet HTML 5Page - NXP Semiconductors 1N4148 Datasheet HTML 6Page - NXP Semiconductors 1N4148 Datasheet HTML 7Page - NXP Semiconductors 1N4148 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 May 25
6
Philips Semiconductors
Product specification
High-speed diodes
1N4148; 1N4448
Fig.7 Reverse recovery voltage test circuit and waveforms.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
IF
D.U.T.
R = 50
i
SAMPLING
OSCILLOSCOPE
MGA881
(1) IR = 1 mA.
Fig.8 Forward recovery voltage test circuit and waveforms.
t r
t
t p
10%
90%
I
input
signal
R = 50
S
I
R = 50
i
OSCILLOSCOPE
1 k
450
D.U.T.
MGA882
V fr
t
output
signal
V


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Diodes Incorporated
1N4148 DIODES-1N4148 Datasheet
57Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. B-2
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com