Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ4V3 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ4V3
Description  SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ4V3 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ4V3 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ4V3 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ2V4 Series
Zener Diode is a high quality voltage regulator in an
epoxy-molded SUPERmini™ package, designed for
applications requiring low leakage.
MARKING CODE: See Marking Code on Electrical
Characteristics table.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA =50°C)
PD
250
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA FOR ALL TYPES.
CMDZ2V4 THRU CMDZ47V
SUPERmini
ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
SOD-323 CASE
Central
Semiconductor Corp.
TM
R1 (31-October 2002)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
mA
µA
VOLTS
CMDZ2V4
2.28
2.4
2.52
5.0
100
25
1.0
2V4
CMDZ2V6
2.47
2.6
2.73
5.0
100
25
1.0
2V6
CMDZ2V7
2.57
2.7
2.84
5.0
100
10
1.0
2V7
CMDZ3V0
2.85
3.0
3.15
5.0
95
5.0
1.0
3V0
CMDZ3V3
3.14
3.3
3.47
5.0
95
2.0
1.0
3V3
CMDZ3V6
3.42
3.6
3.78
5.0
90
2.0
1.0
3V6
CMDZ3V9
3.71
3.9
4.10
5.0
90
2.0
1.0
3V9
CMDZ4V3
4.09
4.3
4.52
5.0
90
1.0
1.0
4V3
CMDZ4V7
4.47
4.7
4.94
5.0
80
3.0
2.0
4V7
CMDZ5V1
4.85
5.1
5.36
5.0
60
2.0
2.0
5V1
CMDZ5V6
5.32
5.6
5.88
5.0
40
1.0
2.0
5V6
CMDZ6V2
5.89
6.2
6.51
5.0
10
3.0
4.0
6V2
CMDZ6V8
6.46
6.8
7.14
5.0
15
2.0
4.0
6V8
CMDZ7V5
7.12
7.5
7.88
5.0
15
1.0
5.0
7V5
CMDZ8V2
7.79
8.2
8.61
5.0
15
0.7
5.0
8V2
CMDZ9V1
8.65
9.1
9.56
5.0
15
0.5
6.0
9V1
CMDZ10V
9.50
10
10.50
5.0
20
0.2
7.0
10V
CMDZ11V
10.45
11
11.55
5.0
20
0.1
8.0
11V
CMDZ12V
11.40
12
12.60
5.0
25
0.1
8.0
12V
CMDZ13V
12.35
13
13.65
5.0
30
0.1
8.0
13V


Similar Part No. - CMDZ4V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ4V3 CENTRAL-CMDZ4V3 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ4V3 CENTRAL-CMDZ4V3 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMDZ4V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com