Electronic Components Datasheet Search |
|
DOM44S3V256 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd |
|
DOM44S3V256 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd |
8 / 29 page HANBit HFDOM44S3Vxxx URL:www.hbe.co.kr 8 / 29 HANBit Electronics Co., Ltd. Rev. 1.0 (January, 2005) REGISTERS 1) Data Register (Address – 1F0h[170h];Offset 0,8,9) The Data Register is a 16-bit register, and it is used to transfer data blocks between the CompactFlash Storage Card data buffer and the Host. This register overlaps the Error Register.The table below describes the combinations of data register access and is provided to assist in understanding the overlapped Data Register and Error/Feature Register rather than to attempt to define general PCMCIA word and byte access modes and operations. See the PCMCIA PC Card Standard Release 2.0 for definitions of the Card Accessing Modes for I/O and Memory cycles. Note: Because of the overlapped registers, access to the 1F1h, 171h or offset 1 are not defined for word (-CE2 = 0 and -CE1 = 0) operations. These accesses are treated as accesses to the Word Data Register. The duplicated registers at offsets 8, 9 and Dh have no restrictions on the operations that can be performed by the socket. Data Register Access DATA Register CE2- CE1- A0 Offset Data Bus Word Data Register 0 0 X 0,8,9 D15-D0 Even Data Register 1 0 0 0,8 D7-D0 Odd Data Register 1 0 1 9 D7-D0 Odd Data Register 0 1 X 8,9 D15-D8 Error/Feature Register 1 0 1 1,Dh D7-D0 Error/Feature Register 0 1 X 1 D15-D8 Error/Feature Register 0 0 X Dh D15-D8 2) Error Register (Address – 1F1h[171h];Offset 1,0Dh Read Only) This register contains additional information about the source of an error when an error is indicated in bit 0 of the Status register. The bits are defined as follows: D7 D6 D5 D4 D3 D2 D1 D0 BBK UNC 0 IDNF 0 ABRT 0 AMNF Error Register This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and -CE1 high. Bit 7 (BBK): this bit is set when a Bad Block is detected. Bit 6 (UNC): this bit is set when an Uncorrectable Error is encountered. Bit 5: this bit is 0. Bit 4 (IDNF): the requested sector ID is not valid error or cannot be found. Bit 3: this bit is 0. Bit 2 (Abort) This bit is set if the command has been aborted because of a CompactFlash Storage Card status condition: (Not Ready, Write Fault, etc.) or when an invalid command has been issued. Bit 1 This bit is 0. Bit 0 (AMNF) This bit is set in case of a general error happened. 3) Feature Register(Address – 1F1h[171h];Offset 1,0Dh Writer Only) This register provides information regarding features of the CompactFlash Storage Card that the host can utilize. This register is also accessed on data bits D15-D8 during a write operation to Offset 0 with -CE2 low and -CE1 high. BIT DESCRIPTION- 7 6 5 4 3 2 1 0 Command specific 4) Sector Count Register(Address – 1F2h[172h];Offset 2) |
Similar Part No. - DOM44S3V256 |
|
Similar Description - DOM44S3V256 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |