Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2252326201019 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 2252326201019
Description  Mono-kap-TM series Leaded ceramic multilayer capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2252326201019 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 2252326201019 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 11Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 12Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 13Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 14Page - List of Unclassifed Manufacturers 2252326201019 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2002 Oct 09
11
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-kapTM series
0.022
µF
50
5.0
15
K223K15X7RF5.H5
10
12
08
2252 325..223
2.5
K223K15X7RF5.L2
02
03
00
2252 325..223
100
5.0
20
K223K20X7RH5.H5
24
26
22
2252 326..223
2.5
K223K20X7RH5.L2
16
17
14
2252 326..223
0.033
µF50
5.0
15
K333K15X7RF5.H5
10
12
08
2252 325..333
2.5
K333K15X7RF5.L2
02
03
00
2252 325..333
0.047
µF
50
5.0
15
K473K15X7RF5.H5
10
12
08
2252 325..473
2.5
K473K15X7RF5.L2
02
03
00
2252 325..473
100
5.0
20
K473K20X7RH5.H5
24
26
22
2252 326..473
2.5
K473K20X7RH5.L2
16
17
14
2252 326..473
0.068
µF50
5.0
15
K683K15X7RF5.H5
10
12
08
2252 325..683
2.5
K683K15X7RF5.L2
02
03
00
2252 325..683
0.1
µF
50
5.0
15
K104K15X7RF5.H5
10
12
08
2252 325..104
2.5
K104K15X7RF5.L2
02
03
00
2252 325..104
100
5.0
20
K104K20X7RH5.H5
24
26
22
2252 326..104
2.5
K104K20X7RH5.L2
16
17
14
2252 326..104
0.15
µF
50
5.0
20
K154K20X7RF5.H5
24
26
22
2252 325..154
0.22
µF
50
5.0
20
K224K20X7RF5.H5
24
26
22
2252 325..224
0.47
µF
50
5.0
20
K474K20X7RF5.H5
24
26
22
2252 325..474
1.00
µF
50
5.0
20
K105K20X7RF5.H5
24
26
22
2252 325..105
Z5U
±20% tolerance
0.01
µF
50
5.0
15
K103M15Z5UF5.H5
10
12
08
2252 345..103
2.5
K103M15Z5UF5.L2
02
03
00
2252 345..103
100
5.0
15
K103M15Z5UH5.H5
10
12
08
2252 346..103
2.5
K103M15Z5UH5.L2
02
03
00
2252 346..103
0.022
µF50
5.0
15
K223M15Z5UF5.H5
10
12
08
2252 345..223
2.5
K223M15Z5UF5.L2
02
03
00
2252 345..223
0.047
µF50
5.0
15
K473M15Z5UF5.H5
10
12
08
2252 345..473
2.5
K473M15Z5UF5.L2
02
03
00
2252 345..473
0.1
µF
50
5.0
15
K104M15Z5UF5.H5
10
12
08
2252 345..104
2.5
K104M15Z5UF5.L2
02
03
00
2252 345..104
100
5.0
20
K104M20Z5UH5.H5
24
26
22
2252 346..104
2.5
K104M20Z5UH5.L2
16
17
14
2252 346..104
0.15
µF50
5.0
15
K154M15Z5UF5.H5
10
12
08
2252 345..154
2.5
K154M15Z5UF5.L2
02
03
00
2252 345..154
0.22
µF50
5.0
15
K224M15Z5UF5.H5
10
12
08
2252 345..224
2.5
K224M15Z5UF5.L2
02
03
00
2252 345..224
C
UR(DC)
(V)
LEAD
SPACING
SIZE
CODE
CLEAR TEXT CODE
PACKAGING CODE
8th AND 9th DIGIT
CATALOGUE
NUMBER (2)(3)
13th DIGIT:
T = REEL; U = AMMO;
3=BULK
REEL
AMMO BULK


Similar Part No. - 2252326201019

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
225232514473 VISHAY-225232514473 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - 2252326201019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252202201018 ETC1-2252202201018 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com