Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOM40MR064 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR064
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR064 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MR064 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MR064 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
7 / 7
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
REGISTERS
Overview
ATA register set definitions
(1) . Error Register
(2) . Device/Head Register
(3) . Status & Alternate Status Register
(4) . Device Control Register
(5) . Card Address Register
(6) . Data Register
(7) . Feature Register
(8) . Sector Count Register
(9) . Sector Number Register
(10) . Cylinder low register
(11) . Cylinder high register
PCMCIA Register Set Definitions
(1) . PCMCIA Configuration Option Register
(2) . PCMCIA Configuration and Status Register
(3) . PCMCIA pin Replacement Register
(4) . PCMCIA Socket and Copy Register
ATA Register Set Definitions:
Error Register
This register contains additional information about the source of an error when an error is indicated in bit 0
of the Status register. The bits are defined as follows:
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF
This register is also accessed on data bits D15-D8 during a write operation to offset 0 with -CE2 low and
-CE1 high.
Bit 7 (BBK): This bit is set when a Bad Block is detected.
Bit 6 (UNC): This bit is set when an Uncorrectable Error is encountered.
Bit 5: This bit is 0.
Bit 4 (IDNF): The requested sector ID is in error or cannot be found.
Bit 3: This bit is 0.
Bit 2 (Abort): This bit is set if the command has been aborted because of a CompactFlash Storage Card
status condition: (Not Ready, Write Fault, etc.) or when an invalid command has been issued.


Similar Part No. - DOM40MR064

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40MV016 HANBIT-DOM40MV016 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV032 HANBIT-DOM40MV032 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV064 HANBIT-DOM40MV064 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV1.5G HANBIT-DOM40MV1.5G Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV128 HANBIT-DOM40MV128 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - DOM40MR064

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com