Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3641L20PQF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V3641L20PQF
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3641L20PQF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V3641L20PQF Datasheet HTML 3Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 4Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 5Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 6Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 7Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 8Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 9Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 10Page - Integrated Device Technology IDT72V3641L20PQF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641/72V3651
3.3V CMOS SYNCFIFO™ 512 x 36, 1,024 x 36 and 2,048 x 36
AC ELECTRICAL CHARACTERISTICS OVER RECOMMENDED RANGES OF
SUPPLY VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
IDT72V3631L15
IDT72V3631L20
IDT72V3641L15
IDT72V3641L20
IDT72V3651L15
IDT72V3651L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
66.7
50
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
15
20
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
6
8
ns
tCLKL
Pulse Duration, CLKA or CLKB LOW
6
8
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35
5
6
ns
before CLKB
tENS1
Setup Time, ENA to CLKA
↑;ENBtoCLKB↑
5–
6
ns
tENS2
Setup Time,
CSA, W/RA, and MBA to CLKA
↑;
7
7.5
ns
CSB, W/RB, and MBB to CLKB
tRMS
Setup Time, RTM and RFM to CLKB
6
6.5
ns
tRSTS
Setup Time,
RST LOW before CLKA
5–
6
ns
or CLKB
(1)
tFSS
Setup Time, FS0 and FS1 before
RST HIGH
9
10
ns
tSDS(2)
Setup Time, FS0/SD before CLKA
5–
6
ns
tSENS(2)
Setup Time, FS1/
SEN before CLKA
5–
6
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35
0.5
0.5
ns
afterCLKB
tENH1
Hold Time, ENA after CLKA
↑;ENBafterCLKB↑
0.5
0.5
ns
tENH2
Hold Time,
CSA, W/RA, and MBA after CLKA
↑;
0.5
0.5
ns
CSB, W/RB, and MBB after CLKB
tRMH
Hold Time, RTM and RFM after CLKB
0.5
0.5
ns
tRSTH
Hold Time,
RST LOW after CLKA
↑ or CLKB↑(1)
5–
6
ns
tFSH
Hold Time, FS0 and FS1 after
RST HIGH
0
0
ns
tSPH(2)
Hold Time, FS1/
SEN HIGH after RST HIGH
0
0
ns
tSDH(2)
Hold Time, FS0/SD after CLKA
0–
0
ns
tSENH(2)
Hold Time, FS1/
SEN after CLKA
0–
0
ns
tSKEW1(3)
Skew Time, between CLKA
↑ andCLKB↑
9–
11
ns
for OR and IR
tSKEW2(3,4)
Skew Time, between CLKA
↑ andCLKB↑
12
16
ns
for
AE and AF
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Only applies when serial load method is used to program flag Offset registers.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
4. Design simulated, not tested.


Similar Part No. - IDT72V3641L20PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3641 IDT-IDT72V3641 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V3641L20PQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com