Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3651L20PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V3651L20PF
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3651L20PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V3651L20PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 10Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 11Page - Integrated Device Technology IDT72V3651L20PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641/72V3651
3.3V CMOS SYNCFIFO™ 512 x 36, 1,024 x 36 and 2,048 x 36
AC ELECTRICAL CHARACTERISTICS
IDT72V3631L15
IDT72V3631L20
IDT72V3641L15
IDT72V3641L20
IDT72V3651L15
IDT72V3651L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
66.7
50
MHz
tA
Access Time, CLKB
↑toB0-B35
2
10
2
12
ns
tPIR
Propagation Delay Time, CLKA
↑ to IR
1
8
1
10
ns
tPOR
Propagation Delay Time, CLKB
↑to OR
1
8
1
10
ns
tPAE
Propagation Delay Time, CLKB
↑ to AE
18
1
10
ns
tPAF
Propagation Delay Time, CLKA
↑ to AF
18
1
10
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1
08
0
10
ns
LOW or
MBF2 HIGH and CLKB
↑ to MBF2
LOW or
MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑to B0-B35(1)
210
2
12
ns
and CLKB
↑ to A0-A35(2)
tMDV
Propagation Delay Time, MBB to B0-B35 Valid
2
10
2
12
ns
tRSF
Propagation Delay Time,
RST LOW to AE LOW
1
15
1
20
ns
and
AF HIGH
tEN
Enable Time,
CSA and W/RA LOW to A0-A35
2
10
2
12
ns
Active and
CSB LOW and W/RB HIGH to
B0-B35 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35
1
8
1
10
ns
at high impedance and
CSB HIGH or W/RB
LOW to B0-B35 at high impedance
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.


Similar Part No. - IDT72V3651L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3650 IDT-IDT72V3650 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3650 RENESAS-IDT72V3650 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3650L10PF IDT-IDT72V3650L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3650L15PF IDT-IDT72V3650L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3650L75PF IDT-IDT72V3650L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3651L20PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com