Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3641L20PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V3641L20PF
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3641L20PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V3641L20PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 10Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 11Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 12Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 13Page - Integrated Device Technology IDT72V3641L20PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641/72V3651
3.3V CMOS SYNCFIFO™ 512 x 36, 1,024 x 36 and 2,048 x 36
SYNCHRONIZED FIFO FLAGS
Each IDT72V3631/72V3641/72V3651 FIFO flag is synchronized to its port
Clock through at least two flip-flop stages. This is done to improve the flags’
reliabilitybyreducingtheprobabilityofmetastableeventsontheiroutputswhen
CLKA and CLKB operate asynchronously to one another. OR and
AE are
synchronized to CLKB. IR and
AF aresynchronizedtoCLKA. Table4shows
the relationship of each flag to the number of words stored in memory.
OUTPUT READY FLAG (OR)
TheOutputReadyflagofaFIFOissynchronizedtotheportClockthatreads
data from its array (CLKB). When the OR flag is HIGH, new data is present
in the FIFO output register. When the OR flag is LOW, the previous data word
is present in the FIFO output register and attempted FIFO reads are ignored.
A FIFO read pointer is incremented each time a new word is clocked to its
output register. The state machine that controls an OR flag monitors a write-
pointer and read-pointer comparator that indicates when the FIFO memory
statusisempty,empty+1,orempty+2. FromthetimeawordiswrittentoaFIFO,
itcanbeshiftedtotheFIFOoutputregisterinaminimumofthreecyclesofCLKB.
Therefore, an OR flag is LOW if a word in memory is the next data to be sent
to the FIFO output register and three CLKB cycles have not elapsed since the
time the word was written. The OR flag of the FIFO remains LOW until the third
LOW-to-HIGH transition of CLKB occurs, simultaneously forcing the OR flag
HIGH and shifting the word to the FIFO output register.
ALOW-to-HIGHtransitiononCLKBbeginsthefirstsynchronizationcycleof
a write if the clock transition occurs at time tSKEW1 or greater after the write.
Otherwise, the subsequent CLKB cycle may be the first synchronization cycle
(see Figure 7).
INPUT READY FLAG (IR)
The Input Ready flag of a FIFO is synchronized to the port Clock that writes
data to its array (CLKA). When the IR flag is HIGH, a memory location is free
in the FIFO to write new data. No memory locations are free when the IR flag
is LOW and attempted writes to the FIFO are ignored.
Each time a word is written to a FIFO, its write pointer is incremented. The
state machine that controls an IR flag monitors a write-pointer and read pointer
comparator that indicates when the FIFO memory status is full, full-1, or full-2.
FromthetimeawordisreadfromaFIFO,itspreviousmemorylocationisready
tobewritteninaminimumofthreecyclesofCLKA. Therefore,anIRflagisLOW
iflessthantwocyclesofCLKAhaveelapsedsincethenextmemorywritelocation
has been read. The second LOW-to-HIGH transition on CLKA after the read
sets the Input Ready flag HIGH, and data can be written in the following cycle.
ALOW-to-HIGHtransitiononCLKAbeginsthefirstsynchronizationcycleof
a read if the clock transition occurs at time tSKEW1 or greater after the read.
Otherwise, the subsequent CLKA cycle may be the first synchronization cycle
(see Figure 8).
ALMOST-EMPTY FLAG (
AE)
TheAlmost-EmptyflagofaFIFOissynchronizedtotheportClockthatreads
datafromitsarray(CLKB). Thestatemachinethatcontrolsan
AEflagmonitors
a write-pointer and read-pointer comparator that indicates when the FIFO
memory status is almost-empty, almost-empty+1, or almost-empty+2. The
almost-emptystateisdefinedbythecontentsofregisterX. Thisregisterisloaded
with a preset value during a FIFO reset, programmed from port A, or
programmed serially (see Almost-Empty flag and Almost-Full flag offset pro-
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-A35) I/O
Port Functions
H
X
X
X
X
Input
None
L
L
L
X
X
Input
None
LL
H
L
Input
None
LL
H
H
Input
Mail2 Write
L
H
L
L
X
Output
None
LH
HL
Output
FIFO read
L
H
L
H
X
Output
None
L
HHH
Output
Mail1 Read (Set
MBF1 HIGH)
CSA
W/
RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Functions
H
X
X
X
X
Input
None
L
H
L
X
X
Input
None
LH
HL
Input
FIFO Write
LH
H
H
Input
Mail1 Write
L
L
L
L
X
Output
None
LL
H
L
Output
None
L
L
L
H
X
Output
None
LL
H
H
Output
Mail2 Read (Set
MBF2 HIGH)
TABLE 2 — PORT-A ENABLE FUNCTION TABLE
TABLE 3 — PORT-B ENABLE FUNCTION TABLE


Similar Part No. - IDT72V3641L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3641 IDT-IDT72V3641 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V3641L20PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com