Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V561620BT-PI Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY57V561620BT-PI
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620BT-PI Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY57V561620BT-PI Datasheet HTML 1Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 2Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 3Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 4Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 5Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 6Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 7Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 8Page - Hynix Semiconductor HY57V561620BT-PI Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HY57V561620B(L)T-I
Rev.1.3 / Apr. 2003
4
ABSOLUTE MAXIMUM RATINGS
Note :
Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITION (TA=-40°C ~ 85°C)
Note :
1.All voltages are referenced to VSS = 0V
2.VIH (max) is acceptable 5.6V AC pulse width with
3ns of duration
3.VIL (min) is acceptable -2.0V AC pulse width with
3ns of duration
AC OPERATING CONDITION (TA=-40°C ~ 85°C, VDD=3.3 ± 0.3V, VSS=0V)
Note :
1. Output load to measure access time is equivalent to two TTL gates and one capacitor (50pF)
For details, refer to AC/DC output circuit
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
-40~85
°C
Storage Temperature
TSTG
-55 ~ 125
°C
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature
Time
TSOLDER
260
10
°C ⋅ Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input High Voltage
VIH
2.0
3.0
VDD + 0.3
V
1,2
Input Low Voltage
VIL
- 0.3
0
0.8
V
1,3
Parameter
Symbol
Value
Unit
Note
AC Input High / Low Level Voltage
VIH / VIL
2.4 / 0.4
V
Input Timing Measurement Reference Level Voltage
Vtrip
1.4
V
Input Rise / Fall Time
tR / tF
1
ns
Output Timing Measurement Reference Level
Voutref
1.4
V
Output Load Capacitance for Access Time Measurement
CL
50
pF
1


Similar Part No. - HY57V561620BT-PI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620CLT-6 HYNIX-HY57V561620CLT-6 Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620CLT-7 HYNIX-HY57V561620CLT-7 Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620CLT-8 HYNIX-HY57V561620CLT-8 Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620BT-PI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com