Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNR-14D301K Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CNR-14D301K
Description  METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CNR-14D301K Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CNR-14D301K Datasheet HTML 7Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 8Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 9Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 10Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 11Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 12Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 13Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 14Page - List of Unclassifed Manufacturers CNR-14D301K Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
.
"
6
%
'
/ % 3
'
'
5
%
%
077777
&
%07
!
/-!
)-0
/-! ")-0
7!
18 3
4
5
8
/-! A4-0
/-! 1:00
01 3
A 47 B5
/-#
)-0
/-# ")-0
04 3
A 47 B5
:
/-# ) -0
/-#
# 0
K8 3
A 47 B5
/ -
)-0
/ - ")-0
K8 3
A 47 B5
07
/ - ) -0
/ -
0
:7 3
A 47 B5
/
)-0
/
")-0
18 3
A 47 B5
01
/
) -0
/
) 0
27 3
A 47 B5
/ -
)-0
/ - ")-0
88 3
A 47 B5
47
/ - ) -0
/ -
# 0
077 3
A 47 B5
æ
D
07>
#
L
%%
%
%
6"
%
1
2
3
"
%
$
%
3
5
%
&
&
%
%
%
%
&
%
&
!
(
R7!
D
2!
A #3
0!
7< %
5
R7!
A
2!
A #3
0!
7< %
5
R0!
7
02!
D#3
4!
7< %
5
$
%
3
,
5
%
%
!
&
&277
277
%
&
!
(
R7!
D
1!
2#3
7!
8< %
5
R7!
A
1!
2#3
7!
8< %
5
R0!
7
2!
A #3
0!
7< %
5
%
&
&
3
L
7!
:8
5
L0!
8
0
% .
& &
3
07 *
88 *
07 * 5
%
% 4
!
%
%
&
!
#
&
%
%
&K
%
&
%4K8 = 87" % 4=7!
8
&
!
&28>
%
%
&
$
*
%
4D7= 87" 3
K
L4 8 7= 87" 5
4!
7
4!
8
%
& %
3;0!
8
5
%
%
3
K
LK=0
8
L8=0
L07=0 5
&% 0
4
!
%
!
æ
=8>
#


Similar Part No. - CNR-14D301K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-14D301K ETC-CNR-14D301K Datasheet
322Kb / 15P
   Metal Oxide Varistors
More results

Similar Description - CNR-14D301K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com