Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2252305151019 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2252305151019
Description  Mono-kap-TM series Leaded ceramic multilayer capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2252305151019 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2252305151019 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2252305151019 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2002 Oct 09
2
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-kapTM series
FEATURES
• Very high capacitance per unit
volume
• Low cost.
APPLICATIONS
These conformally coated radial
leaded capacitors are designed for
commercial and industrial
applications in four dielectrics,
NP0 (ultra-stable), X7R (stable) and
Z5U, Y5V (general purpose).
Applications include timing,
coupling/decoupling, signal
comparison and biasing. Mono-kap™
capacitors are suitable for automatic
insertion equipment.
DESCRIPTION
The basic capacitor construction
consists of ceramic dielectric materials
processed into a tape with a typical
thickness range from
0.025 to 0.076 mm. Metal electrode
patterns are applied using a thick film
screening process. Multiple layers are
stacked and laminated in such a
manner that electrodes are alternately
exposed when the pattern is cut into
individual chip capacitors. The
capacitors are fired through a high
temperature profile to mature the
ceramic and metal into a
homogeneous unit.
Metal end terminations are applied
and fired to provide electrical
connection between the individual
layers. Tinned leads are attached using
a solder.
Encapsulation consists of a
moisture-resistant gold colour
conformal epoxy coating that meets
the flame requirements of “UL94V-0”.
MGA336
Fig.1 Component outlines.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
2252
305 .....
2252
306 .....
2252
325 .....
2252
326 .....
2252
345 .....
2252
346 .....
2252
362 .....
2252
365 .....
Capacitance range
10 pF to 6800 pF
100 pF to 1.0
µF1000 pF to 1.0 µF
0.01to1.0
µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
25 V
50 V
Tolerance on capacitance
±5%
±10%
±20%
+80%/
−20%
Temperature coefficient
NP0 (C0G)
X7R
Z5U
Y5V


Similar Part No. - 2252305151019

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
22523 SCHOTT-22523 Datasheet
24Kb / 1P
   TRANSFORMER, POWER
logo
Vishay Siliconix
225232514473 VISHAY-225232514473 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - 2252305151019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252202201018 ETC1-2252202201018 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com