Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND5050AJTR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VND5050AJTR-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VND5050AJTR-E Datasheet HTML 5Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 6Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 7Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 8Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 9Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 10Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 11Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 12Page - STMicroelectronics VND5050AJTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Electrical specifications
9/26
CONDITIONS
INPUT
OUTPUT
SENSE (VCSD=0V)
(1)
Figure 6.
Switching characteristics
Figure 7.
Output Voltage Drop Limitation
Table 9.
Truth table
(1) If the VCSD is high, the SENSE output is at a high impedance, its potential depends on leakage currents
and external circuit.
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Short circuit to GND
(Rsc ≤ 10 mΩ)
L
H
H
L
L
L
0
0 if Tj < TTSD
VSENSEH if Tj > TTSD
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage
clamp
LL
0
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%
tWon
tWoff
Von
Iout
Vcc-Vout
Tj=150
oC
Tj=25
oC
Tj=-40
oC
Von/Ron(T)


Similar Part No. - VND5050AJTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050AJTR-E STMICROELECTRONICS-VND5050AJTR-E Datasheet
838Kb / 38P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5050AJTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com