Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2252342201038 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 2252342201038
Description  Mono-kap-TM series Leaded ceramic multilayer capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2252342201038 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 2252342201038 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2252342201038 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2002 Oct 09
7
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-kapTM series
ORDERING INFORMATION
Components may be ordered by using either a simple 15-digit clear text code, or BCcomponents 12NC.
Clear text code
EXAMPLE: K103K15X7RF53H5
Ordering code 12NC
Table 2
Size code, lead spacing/style and packaging
Note
1. Preferred types.
PRODUCT
TYPE
CAPACITANCE
(pF)
TOLERANCE
SIZE CODE
MAX.
(mm)
DIELECTRIC
RATED
VOLTAGE
LEAD DIMENSIONS, STYLE AND PACKAGING
DIA.
(mm)
PACKAGING/
LENGTH
(mm)
STYLE
SPACING
K = mono-kap
two significant digits
followed by the
number
of zeros:
101 = 100
103 = 10000
J=
±5%
K=
±10%
M=
±20%
Z = +80%/
−20%
15 =
3.8 (.150")
20 =
5.0 (.200")
COG (NP0)
X7R
Z5U
Y5V
E= 25 V
F = 50 V
H = 100 V
5=
0.5 (0.020")
3 = bulk, lead
length 30
±5.0
(1.25")
T = tape/reel
U = ammo
L = straight
H = high
seat
K = outward
kink
2 =
2.5 (.100")
5=
5.0 (.200")
SIZE CODE
(mm)
LEAD SPACING
(mm)
LEAD STYLE
BULK
TAPE/REEL
AMMO
CODE NUMBER
15
2.5 (.100")
straight lead (L); note
1
00
02
03
outward kink (K)
04
06
07
5.0 (.200")
high seat (H); note
1
08
10
12
20
2.5 (.100")
straight lead (L); note
1
14
16
17
outward kink (K)
18
20
21
5.0 (.200")
high seat (H); note
1
22
24
26
2 2 5 2 X X
X
X X X X X
Dielectric and
tolerance
Rated voltage (DC)
2
5
6
25 V
50 V
100 V
Multiplier
Capacitance (pF)
two significant digits
of capacitance value
8
9
1
2
3
4
5
JWB218
0.1
1
10
100
1 000
10 000
100 000
30
31
32
33
34
35
36
NP0
±5%
NP0
±10%
X7R
±10%
X7R
±20%
Z5U
±20%
Z5U
−20/+80%
Y5V
−20/+80%
Size code, lead spacing/style and packaging
(1)
(1) See Table 2.


Similar Part No. - 2252342201038

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
22523 SCHOTT-22523 Datasheet
24Kb / 1P
   TRANSFORMER, POWER
logo
Vishay Siliconix
225232514473 VISHAY-225232514473 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - 2252342201038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252202201018 ETC1-2252202201018 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com