Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9112 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM9112
Description  Dual Inputs Dual Outputs High Accurate Fast Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9112 Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM9112 Datasheet HTML 3Page - California Micro Devices Corp CM9112 Datasheet HTML 4Page - California Micro Devices Corp CM9112 Datasheet HTML 5Page - California Micro Devices Corp CM9112 Datasheet HTML 6Page - California Micro Devices Corp CM9112 Datasheet HTML 7Page - California Micro Devices Corp CM9112 Datasheet HTML 8Page - California Micro Devices Corp CM9112 Datasheet HTML 9Page - California Micro Devices Corp CM9112 Datasheet HTML 10Page - California Micro Devices Corp CM9112 Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PRELIMINARY
CM9112
Flow Chart
ISET1
VOUT
R
500
2
I
4.75V<VAD<6.5V
Set Precharge Mode
STAT1
=STAT2=ON
Start Timeout 1
Tj > 150
oC
Iin > 1.5A
Shut down LDO, VREF,
Stop charging and Latch ;
Set STAT1=STAT2=OFF
Connect VSYS with Battery
through external Q 2
ENA
=High
Yes
BSEN
>3.3V
Yes
Charge time >
Timeout 1
Stop Charging
Set
STAT1
=STAT2=OFF
Yes
Precharge
Mode
No
No
Set CC mode
STAT1
=ON,
STAT2
=OFF
CC Mode
BSEN
>= 4.200V
No
Set CV Mode
Reset
Timeout 2
CV Mode
No
Yes
BSEN
< 4.200V-100mV
OTP
OCP
Yes
Standby
Mode
No
Timer
Fault
Battery hot ,
cold
or removed
Charge time >
Timeout 2
Stop charging
and Latch. Set
STAT1
=STAT2=OFF
Charge Done or
Battery is not
present
VIN
< BSEN
Shut down LDO1 ,
VREF,
Stop Charging
Connect VSYS with
Battery through
external Q2
Yes
Sleep mode
Shutdown mode
USB
>4.5V
No
No
Yes
Yes
Yes
Yes
No
No
Battery
Temperature
Checking
No
Precharge in progress
Fast charge in progress
Charge done
STAT2
STAT1
ON
ON
OFF
ON
OFF
ON
Timer fault
Sleep mode
OFF
OFF
OFF
OFF
CHARGE STATE
AD
OK=0
AD
OK=1
AD
OK=1
Yes
AD
OK=1
Start Timeout 1;
VSYS
=4.2V/500 mA
ISET2
VOUT
R
500
2
I
AD
OK=1
ISET2
VOUT
R
500
2
I
Start Timeout 2
Yes
ISET1
VOUT <=
R
120
I
No
No
Yes
ISET2
VOUT<=
R
120
I
ISET1
VOUT
R
500
2
I
No
Yes
AD
OK=1
Yes
Stop charging
Stop Timeout 2;
Set STAT1=OFF
STAT2
=ON
No
Stop charging
Set STAT1=OFF,
STAT2
=OFF
ENA
has no effects
of VSYS output
2.5V<THERM
<4.375V
Note: If Therm is used, during any charging mode, removing a battery will cause the CV mode, then termination, the equivalent
to charge done. Until the battery is returned, the charger will cycle between standby mode and re-charge cycle.
© 2006 California Micro Devices Corp. All rights reserved.
07/06/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
7


Similar Part No. - CM9112

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM91 CML-CM91 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM91 VCC-CM91 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
California Micro Device...
CM9100 CALMIRCO-CM9100 Datasheet
302Kb / 11P
   Basic Compact Cost-effective Fast-Charger
CM9100-00QE CALMIRCO-CM9100-00QE Datasheet
302Kb / 11P
   Basic Compact Cost-effective Fast-Charger
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
More results

Similar Description - CM9112

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
logo
Gamewell-FCI by Honeywe...
DRBC-1 GAMEWELL-FCI-DRBC-1 Datasheet
34Kb / 1P
   DUAL RATE BATTERY CHARGER
logo
List of Unclassifed Man...
CXA-0338 ETC1-CXA-0338 Datasheet
93Kb / 2P
   8W DUAL OUTPUTS
logo
Integrated Device Techn...
8V97051 IDT-8V97051 Datasheet
775Kb / 56P
   Dual Differential Outputs
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
logo
Texas Instruments
PTB48580AAH TI1-PTB48580AAH_14 Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com