Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UR18650F Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. UR18650F
Description  Lithium ion
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Aug. 2004
Min.2300mAh
3.7V
Constant Current
-Constant Voltage
4.2V
Std. 2300mA
2.5hrs.
Charge
0~+40℃
Discharge
-20~+60℃
Storage
-20~+50℃
44.5g
(D)
18.10mm
(H)
64.80mm
510Wh/l
191Wh/kg
Nominal Capacity
Nominal Voltage
Charging Method
Charging Voltage
Volumetric Energy Density
Gravimetric Energy Density
Charging Current
Charging Time
Ambient Temperature
Weight (Max.)
Dimensions (Max.)
0
400
800
1200
1600
2000
2400
2800
Discharge Capacity / mAh
2.0
2.5
3.0
3.5
4.0
4.5
Charge:CC-CV:2.3A-4.2V(3hrs. cut)
Discharge:CC:2.3A(E.V.:2.5V)
40
20
0
-10
-20
0
400
800
1200
1600
2000
2400
2800
Discharge Capacity / mAh
2.0
2.5
3.0
3.5
4.0
4.5
Temp.:20
Charge:CC-CV:2.3A-4.2V(3hrs. cut)
Discharge:CC:Variable Current(E.V.:2.5V)
0.2CA(=0.46A)
0.5CA(=1.15A)
1.0CA(=2.30A)
2.0CA(=4.60A)
Cell Type UR18650F
Specifications
Typical Characteristics
Discharge rate characteristics
Discharge temperature characteristics
Charge characteristics
Cycle characteristics
Maximum size without tube
H
64.7 mm
D
18.05 mm
d
9.0 mm
Dimensions(Typ.)
of
Bare Cell
Discharged State after Assembling
0
60
120
180
240
Charge Time / min
2.0
2.5
3.0
3.5
4.0
4.5
0
700
1400
2100
2800
3500
700
1400
2100
2800
Charge:CC-CV:2.3A-4.2V(46mA. cut)
Cell Voltage
Capacity
40
20
0
Current
*When designing a battery pack, get the precise information on a cell battery drawing
0
100
200
300
400
500
Number of Cycle
0
500
1000
1500
2000
2500
Temp.:20
Charge:CC-CV:1.6A-4.2V(4hrs. cut)
Discharge:CC:2.3A(E.V.:2.75V)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1332Control of Lithium Ion Batteries Charging 1 2 3 4 Mitsumi Electronics, Corp.
M62253FPLITHIUM ION BATTERY CHARGER CONTROL IC 1 2 3 4 5 Mitsubishi Electric Semiconductor
BQ2050SN-D119Lithium Ion Power Gauge IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BQ2050Lithium Ion Power Gauge™ IC 1 2 3 4 5 MoreTI store
BQ2050HLow-Cost Lithium Ion Power Gauge IC 1 2 3 4 5 MoreTI store
LIR2032RECHARGEABLE LITHIUM ION BUTTON BATTERY 1 2 3 List of Unclassifed Manufacturers
BQ2054Lithium Ion Fast-Charge IC 1 2 3 4 5 MoreTI store
BQ2058Lithium Ion Pack Supervisor for 3- and 4-Cell Packs 1 2 3 4 5 MoreTI store
MM1357Control of Lithium Ion Batteries Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
BQ2954Lithium Ion Charge Management IC with Integrated Switching Controller 1 2 3 4 5 MoreTI store

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl