Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H256SC25G1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # U631H256SC25G1
Description  SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U631H256SC25G1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U631H256SC25G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 10Page - List of Unclassifed Manufacturers U631H256SC25G1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
U631H256
7
March 31, 2006
STK Control #ML0043
Rev 1.0
No.
STORE Cycle Inhibit and
Automatic Power Up RECALL
Symbol
Min.
Max.
Unit
Alt.
IEC
24 Power Up RECALL Durationk
tRESTORE
650
μs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
Nonvolatile Memory Operations
k:
tRESTORE starts from the time VCC rises above VSWITCH.
STORE Cycle Inhibit and Automatic Power Up RECALL
VCC
5.0 V
STORE inhibit
Power Up
VSWITCH
tRESTORE
RECALL
(24)
t
Software Mode Selection
E
W
A13 - A0
(hex)
Mode
I/O
Power
Notes
L
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
l, m
l, m
l, m
l, m
l, m
l, m
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
l, m
l, m
l, m
l, m
l, m
l, m
l:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles. See STORE cycle and RECALL
cycle tables and diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 0E38, 31C7, 03E0, 3C1F, 303F, 339C.
m: While there are 15 addresses on the U631H256, only the lower 14 are used to control software modes.


Similar Part No. - U631H256SC25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256S2C25G1 SIMTEK-U631H256S2C25G1 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
U631H256S2K25G1 SIMTEK-U631H256S2K25G1 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
More results

Similar Description - U631H256SC25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com