Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9100-00QE Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM9100-00QE
Description  Basic Compact Cost-effective Fast-Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9100-00QE Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM9100-00QE Datasheet HTML 3Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 4Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 5Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 6Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 7Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 8Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 9Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 10Page - California Micro Devices Corp CM9100-00QE Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
06/30/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
11
CM9100
PRELIMINARY
TQFN-16 Mechanical Specifications
The CM9100-00QE is supplied in a 16-lead, 4.0mm x
4.0mm TQFN package. Dimensions are presented
below.
For complete information on the TQFN16, see the Cal-
ifornia Micro Devices TQFN Package Information doc-
ument.
Package Dimensions for 16-Lead TQFN
PACKAGE DIMENSIONS
Package
TQFN-16 (4x4)
Leads
16
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.07
0.75
0.80
0.28
0.030
0.031
A1
0.00
0.05
0.00
0.002
A3
0.20 REF
.008
b
0.25
0.30
0.35
0.010
0.012
0.014
D
3.90
4.00
4.10
0.154
0.157
0.161
D1
1.95 REF
0.077
D2
2.00
2.10
2.20
0.079
0.083
0.087
E
3.90
4.00
4.10
0.154
0.157
0.161
E1
1.95 REF
0.077
E2
2.00
2.10
2.20
0.079
0.083
0.087
e
0.65 TYP.
0.026
L
0.45
0.55
0.65
0.018
0.022
0.026
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
A3
A1
0.10 C
0.08 C
A
SIDE VIEW
Mechanical Package Diagrams
D
0.15 C
0.15 C
BOTTOM VIEW
TOP VIEW
e
b
L
0.10
C A B
M
16X
D2
DAP SIZE
1.8 X 1.8
D1
Pin 1 Marking
Mechanical Details


Similar Part No. - CM9100-00QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
CM9101-00QE CALMIRCO-CM9101-00QE Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
CM9107 CALMIRCO-CM9107 Datasheet
532Kb / 10P
   Triple-Output LDO for WLAN
CM9107-00QE CALMIRCO-CM9107-00QE Datasheet
532Kb / 10P
   Triple-Output LDO for WLAN
More results

Similar Description - CM9100-00QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
Tyco Electronics
1EEA1 MACOM-1EEA1 Datasheet
518Kb / 2P
   Cost Effective Compact REI Filter IEC Connector Package
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
logo
List of Unclassifed Man...
FX-360 ETC2-FX-360 Datasheet
1Mb / 2P
   COST EFFECTIVE PERFECTION
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com