Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCCP27A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCCP27A
Description  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCCP27A Datasheet HTML 5Page - STMicroelectronics STCCP27A Datasheet HTML 6Page - STMicroelectronics STCCP27A Datasheet HTML 7Page - STMicroelectronics STCCP27A Datasheet HTML 8Page - STMicroelectronics STCCP27A Datasheet HTML 9Page - STMicroelectronics STCCP27A Datasheet HTML 10Page - STMicroelectronics STCCP27A Datasheet HTML 11Page - STMicroelectronics STCCP27A Datasheet HTML 12Page - STMicroelectronics STCCP27A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STCCP27A
Electrical characteristics
9/19
Table 7.
Switching characteristics (RT = 100Ω ± 1%, CL = 10pF, over recommended
operating conditions unless otherwise noted. Typical values are referred to TA =
25°C and VDD = 2.8V, VL = 1.8V)
Note:
1
50% VDIN to 50% VDOUT
Table 8.
Capacitive characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr
Rise time LVTTL Output voltage
(10% to 90%)
3.1
4.0
ns
tf
Fall time LVTTL output voltage
(90% to 10%)
2.0
4.0
ns
tr I/O
Rise time I2C input/output voltage
(20% to 80%)
320
ns
tf I/O
Fall time I2C input/output voltage
(80% to 20%)
20
ns
tpLH
Propagation delay time (CLK to V-
SYNC, H-SYNC) (low to high)
6.5
8.5
ns
tpHL
Propagation delay time (CLK to V-
SYNC, H-SYNC) (high to low)
6.5
8.5
ns
tpLH
Propagation delay time (CLK to
D1-D8) (low to high)
6.5
8.5
ns
tpHL
Propagation delay time (CLK to
D1-D8) (high to low)
6.5
8.5
ns
tpLH
Propagation delay time I2C
input/output voltage (50% to 50%)
(Low to High)
100
ns
tpHL
Propagation delay time I2C
input/output voltage (50% to 50%)
(High to Low)
10
ns
tEN
Enable delay time (EN to
V-SYNC, H-SYNC: tPZL, tPZH)
trEN = 2.0ns (10% to 90%)
tfEN = 2.0ns (90% to 10%)
20
µs
tDIS
Disable delay time (EN to V-
SYNC, H-SYNC: tPLZ, tPHZ)
trEN = 2.0ns (10% to 90%)
tfEN = 2.0ns (90% to 10%)
1000
ns
fOPR
Operating frequency
trD,CLK = 400ps (10% to 90%)
tfD,CLK = 400ps (90% to 10%)
VCM D,CLK = 0.9V, VDD,CLK =
150mV
1416
MHz
TCLK
Clock Period
2.4
1000
ns
tSUD-CLK
Setup time (D to CLK) (low to high
or high to low vs positive CLK
edge) (note 1) (see fig. 6)
0.6
ns
tHCLK-D
Hold time (CLK to D) (positive CLK
edge to D) (note 1) (see fig. 6)
1.0
ns
Symbol
Parameter
Test condition
Value
Unit
VDD (V)
TA = 25°C
Min.
Typ.
Max.
CIN
Input Capacitance
(SYNC_SEL, EN)
2.65 to 3.6
VL = 1.65V to 1.95V,
VI = GND or VDD
3.5
pF


Similar Part No. - STCCP27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
   CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
   HOME APPLIANCE CONTROL CIRCUIT
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
   AC switch failure mode detector
More results

Similar Description - STCCP27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSMIA832 STMICROELECTRONICS-STSMIA832 Datasheet
433Kb / 23P
   1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com