Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNR-14D470K Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CNR-14D470K
Description  METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CNR-14D470K Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CNR-14D470K Datasheet HTML 3Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 4Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 5Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 6Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 7Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 8Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 9Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 10Page - List of Unclassifed Manufacturers CNR-14D470K Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
#
-
# !
3
J0
5
"
J
"
3
A 47B5
)
&
07 0777B
-
"
3
A 47B5
$
-
&
"
3
J0<* 5
6
"
35 6"35
!
3 5
!
35 '35
3
E
5
35
3
C5
3(5
Standards
"#$ 076074<
0D87
48
074!
7
4877
7!
17
017
³
é ³
á ³
è ³
"#$ 016074<
0D87
87
027!
7
1877
7!
D7
K77
³
é ³
á ³
è ³
"#$ 476074<
D48
A48
277
0777
0077
0D87
077
K14!
7
D877
0!
7
1D7
³
é ³
á ³
è
"#$ 076004<
0A08
48
008!
7
4877
7!
17
0K7
³
á³³³³³³³³³
è³
"#$ 016004<
0A08
87
40K!
7
1877
7!
D7
477
³
á³³³³³³³³³
è³
"#$ 476004<
DA7
A28
227
0077
0407
0A08
077
KAK!
7
D877
0!
7
177
³
á³³³³³³³³³
è
"#$ 0160A4<
42:7
87
KK:!
7
1877
7!
D7
087
³
"#$ 4760A4<
0777
01D8
0D47
0A77
02A7
42:7
077
D48!
7
D877
0!
7
487
#
L0! 86
&6 7!
0
$ %&
'
(
$
Standard No.
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Title
Across-The-Line
Components
Transient Voltage
Surge Suppressors
Accessories and
Parts for Electronic
Products
Varistors for use in
Electronic equipment
File No.
E165143
E150709
LR109736-1
21557-4790-001
Symbols
æ
é
á
è
0! 6
&
&
3
5
!
4! )
&
&
!
K! "
!
1! 6
.
!
8!
.
!


Similar Part No. - CNR-14D470K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-14D471K ETC-CNR-14D471K Datasheet
322Kb / 15P
   Metal Oxide Varistors
More results

Similar Description - CNR-14D470K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com