Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1744V-T Datasheet(PDF) 10 Page - ams AG

Part # AS1744V-T
Description  High-Speed, Low-Voltage, Dual, Single-Supply, 4?? SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1744V-T Datasheet(HTML) 10 Page - ams AG

Back Button AS1744V-T Datasheet HTML 6Page - ams AG AS1744V-T Datasheet HTML 7Page - ams AG AS1744V-T Datasheet HTML 8Page - ams AG AS1744V-T Datasheet HTML 9Page - ams AG AS1744V-T Datasheet HTML 10Page - ams AG AS1744V-T Datasheet HTML 11Page - ams AG AS1744V-T Datasheet HTML 12Page - ams AG AS1744V-T Datasheet HTML 13Page - ams AG AS1744V-T Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AS1744, AS1745
austriamicrosystems
Data Sheet
Pin Assignments
www.austriamicrosystems.com
Revision 1.53
10 - 16
9 Pinout and Packaging
Pin Assignments
Figure 16. Pin Assignments (Top View)
Pin Descriptions
Table 4. Pin Descriptions
Pin Number
Pin Name
Description
AS1744
AS1745
10
10
COM1
Analog Switch 1 Common
6
6
COM2
Analog Switch 2 Common
3
3
GND
Ground
1
1
IN1
Analog Switch 1 Logic Control Input
5
5
IN2
Analog Switch 2 Logic Control Input
9
2
NC1
Analog Switch 1 Normally Closed Terminal
7
4
NC2
Analog Switch 2 Normally Closed Terminal
2
9
NO1
Analog Switch 1 Normally Open Terminal
4
7
NO2
Analog Switch 2 Normally Open Terminal
8
8
V+
Input Supply Voltage
. +1.8 to +5.5V
AS1744
10 COM1
7 NC2
8 V+
9 NC1
1
IN1
4
NO2
3
GND
2
NO1
6 COM2
5
IN2
AS1745
10 COM1
7 NO2
8 V+
9 NO1
1
IN1
4
NC2
3
GND
2
NC1
6 COM2
5
IN2


Similar Part No. - AS1744V-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AS174 TI-AS174 Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
AS174 TI1-AS174 Datasheet
857Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
AS1741 AMSCO-AS1741 Datasheet
450Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
AS1741G AMSCO-AS1741G Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
More results

Similar Description - AS1744V-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com