Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1501 Datasheet(PDF) 8 Page - ams AG

Part # AS1501
Description  Digital Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1501 Datasheet(HTML) 8 Page - ams AG

  AS1501 Datasheet HTML 1Page - ams AG AS1501 Datasheet HTML 2Page - ams AG AS1501 Datasheet HTML 3Page - ams AG AS1501 Datasheet HTML 4Page - ams AG AS1501 Datasheet HTML 5Page - ams AG AS1501 Datasheet HTML 6Page - ams AG AS1501 Datasheet HTML 7Page - ams AG AS1501 Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet AS1500/1/2/3
Revision 1.0, Oct 2004
Page 8 of 8
Package Dimensions in Inch and mm (values for N = 8 Pin package are valid):
Ordering Information
Part
Resistor Pin Package Delivery Form
AS1500
10k
8-pin SOIC
Tubes
AS1501
20k
8-pin SOIC
Tubes
AS1502
50k
8-pin SOIC
Tubes
AS1503
100k
Ω 8-pin SOIC
Tubes
AS1500-T
10k
8-pin SOIC
T&R
AS1501-T
20k
8-pin SOIC
T&R
AS1502-T
50k
8-pin SOIC
T&R
AS1503-T
100k
Ω 8-pin SOIC
T&R
For Pb-free package use suffix ‘-Z‘
Copyright
Copyright © 2004 austriamicrosystems. Trademarks
registered ®. All rights reserved. The material herein may
not be reproduced, adapted, merged, translated, stored, or
used without the prior written consent of the copyright
owner. To the best of its knowledge, austriamicrosystems
asserts that the information contained in this publication is
accurate and correct.
Contact
austriamicrosystems AG
A 8141 Schloss Premstätten, Austria
T. +43 (0) 3136 500 0
F. +43 (0) 3136 525 01
info@austriamicrosystems.com


Similar Part No. - AS1501

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1501 AMSCO-AS1501 Datasheet
405Kb / 14P
   Digital Potentiometer
logo
Power-One
AS1501-7R POWER-ONE-AS1501-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
ams AG
AS1501-T AMSCO-AS1501-T Datasheet
405Kb / 14P
   Digital Potentiometer
logo
Astrodyne Corporation
AS15013.5 ASTRODYNE-AS15013.5 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
More results

Similar Description - AS1501

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
   Dual Digital Potentiometer
19-6589; Rev 1; 1/14
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
   Dual Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
   Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
   Dual Digital Potentiometer
19-6593; Rev 1; 1/14
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
   Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
   Quad Digital Potentiometer
053105
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com