Part Name
         Description
AS1108

 4-Digit LED Display Driver ( 19 Page)


AMSCO
100% 
Zoom Out Zoom In
 6 page
background image
www.austriamicrosystems.com
Revision 2.1
6 - 19
AS1108
austriamicrosystems
Data Sheet
Serial-Addressing Format
7 Detailed Description
Serial-Addressing Format
Programming the AS1108 is accomplished by writing to the device’s internal registers (see Digit- and Control-Registers
on page 7) via the 4-wire serial interface. A programming sequence consists of 16-bit packages as depicted in Table 5.
The data is shifted into the internal 16-bit register with the rising edge of the CLK signal. With the rising edge of the
LOAD/CSN signal the data is latched into a digit- or control-register. The LOAD/CSN signal must go high after the 16th
rising clock edge.
The LOAD/CSN signal can also come later but this must happen just before the next rising edge of CLK, otherwise the
data will be lost. The contents of the internal shift register are applied 16.5 clock cycles later to pin DOUT. The data is
clocked out at the falling edge of CLK.
The first 4 bits (D15:D12) are “don't care” settings, bits D11:D8 contain the register address, and bits D7:D0 contain the
data. The first bit is D15, the most significant bit (MSB). The exact timing is shown in Figure 9.
Initial Power-Up
On initial power-up, the AS1108 registers are reset to their default values, the display is blanked, and the device goes
into shutdown mode. All registers should be programmed for normal operation at this time.
Note: The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control
Register (see page 10) is set to the minimum values.
Figure 9. Interface Timing
Table 5. 16-Bit Serial Data Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Register Address (see Table 6) MSB
Data
LSB
tCL
LOAD/
CSN
CLK
DIN
DOUT
D15
D14
D1
D0
tDO
tCSS
tDS
tDH
tCH
tCP
tCSH
tCSW
tLDCK



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX69524-Wire Interfaced 2.7V to 5.5V 4-Digit 5 .7 Matrix LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
MAX69532-Wire Interfaced 2.7V to 5.5V 4-Digit 5 x 7 Matrix LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
CXA2108QConstant-Current Driver for Full Color LED Display 1 2 3 4 5 MoreSony Corporation
MAX69582-Wire Interfaced 3V to 5.5V 4-Digit 9-Segment LED Display Drivers with Keyscan 1 2 3 4 5 MoreMaxim Integrated Products
ICM72188 Digit LED Display Driver 1 2 3 4 5 MoreMaxim Integrated Products
MM5480LED Display Driver 1 2 3 4 5 MoreNational Semiconductor
ST2225ALED DISPLAY DRIVER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PS04535-BIT LED DISPLAY DRIVER 1 List of Unclassifed Manufacturers
BA6820FLED level meter driver 12-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
SDA2131-2STATIC LED DISPLAY DRIVER WITH BLANKING CAPABILITY 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl