Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF120-0UO-014V Datasheet(PDF) 5 Page - LEDTRONICS, INC

Part # BPF120-0UO-014V
Description  Miniature Based LED Lamps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BPF120-0UO-014V Datasheet(HTML) 5 Page - LEDTRONICS, INC

  BPF120-0UO-014V Datasheet HTML 1Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 2Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 3Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 4Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 5Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 6Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 7Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 8Page - LEDTRONICS, INC BPF120-0UO-014V Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Based LED Questionnaire
About your company
About your application
What does your company manufacture
Is your company
Total annual quantity
Target price
Time frame
Operating voltage (max)
Lens color
Lens type
Ambient lighting conditions
Maximum viewing distance desired
Maximum viewing angle desired
Distance between top of lamp and lens/filter
Is an external resistor in series with the lamp
What is the source voltage if higher than the operating voltage of the lamp
Additional Notes/Sketches
S O URCE V O LT A G E
LE D
LA M P
EXT R E S
Incandescent/LED No.
mAmps
Design Volts
MSCD
5V
12V
24V
28V
120VAC
Other
Voltage (type)
AC
DC
Bipolar
Red
Orange
Amber
Yellow
White
Green
Blue
Center
contact
+
Govt/Military
Govt Contractor
OEM
Distributor
Utility
MRO
Other
R&D
Clear
Diffused
Other
Base size
T1
T2
S6
T13 4
1
T3 4
Other
15mm
Base type
Lens size
Indirect sunlight
Direct sun
Office
Lowlight
Darkroom
1 ft
5 ft
10 ft
20 ft
50 ft
Other
Straight on
30¡
60¡
90¡
Other
Other
1/8"
1/4"
1/2"
Yes
No
If yes, Ohms
Polarity of center contact
Requirement is for
Replacement
New Application
Other
Flange
Wedge
Groove
Bi-pin
Bayonet
Screw
Watts
Would like updated literature
Yes
No More info on:
Based
PCB
Panel
Discrete
Other
Immediate
3 months
6 months
GAP
Date
Indoor
Outdoor
Applicable statutory and regulatory requirements
Yes
No
Doc. No.
?
ø
SIC code:
Originator:
Current Customer
Rep:
For internal use only
Yes
No
About you
Name:
Phone: (
)
Address:
M/S:
City:
State:
Zip:
Company:
Fax:
(
)
E-Mail:
16mm
22mm
30mm
Other
Lens shape
Circular
Square
Rectangular
Other
Jelly-jar
The following information assists
LEDtronics in determining the
most appropriate FREE LED
product SAMPLE. Fax to
(310) 534-1424 for fast response.
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com


Similar Part No. - BPF120-0UO-014V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM07R2400A YAGEO-BPF1608LM07R2400A Datasheet
372Kb / 5P
   Band Pass Filter
BPF1608LM11R2400A YAGEO-BPF1608LM11R2400A Datasheet
362Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM17R2400A YAGEO-BPF1608LM17R2400A Datasheet
530Kb / 5P
   Band Pass Filter
More results

Similar Description - BPF120-0UO-014V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
HLMP0300 CML-HLMP0300 Datasheet
114Kb / 1P
   T-3/4 Sub Miniature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Dialight Corporation
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
   Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com