Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW3318E-GB Datasheet(PDF) 1 Page - AUK corp

Part # SW3318E-GB
Description  High Brightness White LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SW3318E-GB Datasheet(HTML) 1 Page - AUK corp

  SW3318E-GB Datasheet HTML 1Page - AUK corp SW3318E-GB Datasheet HTML 2Page - AUK corp SW3318E-GB Datasheet HTML 3Page - AUK corp SW3318E-GB Datasheet HTML 4Page - AUK corp SW3318E-GB Datasheet HTML 5Page - AUK corp SW3318E-GB Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-O2C015-000
1
SW3318E-G / SW3318E-G(B)
High Brightness White LED Lamp
1 2
2
1
Ø2.74~3.14
3.90~4.30
2.70~3.10
0.70 Max.
23.00 Min.
1.00 Min.
3.60~4.00
3.50~3.90
Ø2.74~3.14
3.90~4.30
2.70~3.10
5.00~6.00
23.00 Min.
1.00 Min.
2.54 Typ.
2.54 Typ.
3.50~3.90
3.60~4.00
0.70 Max.
1.20 Min.
Features
• Colorless transparency lens type
• φ3mm(T-1) all plastic mold type
• White emission color : X=0.17~0.29
Y=0.14~0.34
• E ; ESD Protected (±2.0KV, 3 Times @100pF, 1.5KΩ)
• Viewing angle : ±45o
• Super luminosity
Outline Dimensions
unit : mm
STRAIGHT
TYPE
STOPPER
TYPE : (B)
PIN Connections
1. Anode
2. Cathode


Similar Part No. - SW3318E-GB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
More results

Similar Description - SW3318E-GB

ManufacturerPart #DatasheetDescription
logo
AUK corp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
   High Brightness White LED Lamp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
   High Brightness White LED Lamp
SW3372E-H AUK-SW3372E-H Datasheet
228Kb / 5P
   High Brightness White LED Lamp
logo
Micro Electronics
MWB51TA-DI MICRO-ELECTRONICS-MWB51TA-DI Datasheet
51Kb / 1P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB51TA MICRO-ELECTRONICS-MWB51TA Datasheet
41Kb / 1P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32WA-DI MICRO-ELECTRONICS-MWB32WA-DI Datasheet
76Kb / 2P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32TA-3E MICRO-ELECTRONICS-MWB32TA-3E Datasheet
98Kb / 1P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB31TA-DI MICRO-ELECTRONICS-MWB31TA-DI Datasheet
107Kb / 1P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB90TA-8I MICRO-ELECTRONICS-MWB90TA-8I Datasheet
79Kb / 2P
   ULTRA HIGH BRIGHTNESS WHITE LED LAMP
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com