Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC5DNF30V Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC5DNF30V
Description  Dual N-channel 30V - 0.032??- 4.5A - TSSOP8 2.7V-Driver STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5DNF30V Datasheet(HTML) 4 Page - STMicroelectronics

  STC5DNF30V Datasheet HTML 1Page - STMicroelectronics STC5DNF30V Datasheet HTML 2Page - STMicroelectronics STC5DNF30V Datasheet HTML 3Page - STMicroelectronics STC5DNF30V Datasheet HTML 4Page - STMicroelectronics STC5DNF30V Datasheet HTML 5Page - STMicroelectronics STC5DNF30V Datasheet HTML 6Page - STMicroelectronics STC5DNF30V Datasheet HTML 7Page - STMicroelectronics STC5DNF30V Datasheet HTML 8Page - STMicroelectronics STC5DNF30V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STC5DNF30V
4/12
2
Electrical characteristics
(TJ =25°C unless otherwise specified)
Table 3.
On/off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS = 0
30
V
IDSS
Zero gate voltage
drain current
(VGS = 0)
VDS = Max rating
VDS = Max rating,TC=125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 8V
±100
nA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 250µA
0.6
V
RDS(on)
Static drain-source on
resistance
VGS = 4.5V, ID = 2.3A
VGS = 2.7V, ID = 2.3A
0.032
0.036
0.035
0.040
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
Forward
transconductance
VDS =25V ; ID = 2.3A
9.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
460
200
50
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 16V, ID = 4.5A,
VGS = 4.5V
(see Figure 14)
8.5
1.8
2.4
11.5
ns
ns
ns
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tr
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 10V, ID = 2.3A,
RG= 4.7Ω VGS = 4.5V
(see Figure 13)
7
33
27
10
ns
ns
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD = 16V, ID = 2.3A,
RG =4.7Ω, VGS = 4.5V
(see Figure 17)
26
11
21
ns
ns
ns


Similar Part No. - STC5DNF30V

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STC503D KODENSHI-STC503D Datasheet
384Kb / 5P
   NPN Silicon Transistor
STC503D KODENSHI-STC503D Datasheet
384Kb / 5P
   NPN Silicon Transistor
STC503F KODENSHI-STC503F Datasheet
400Kb / 5P
   NPN Silicon Transistor
STC503F KODENSHI-STC503F Datasheet
400Kb / 5P
   NPN Silicon Transistor
logo
Connor-Winfield Corpora...
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
More results

Similar Description - STC5DNF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
   N-channel 30V - 0.027廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
   N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
   N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET??II POWER MOSFET
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
   N-channel 20V - 0.030廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V_07 Datasheet
266Kb / 12P
   N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET TM ll Power MOSFET
February 2007 Rev 5
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
   N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STS4DNFS30 STMICROELECTRONICS-STS4DNFS30 Datasheet
297Kb / 12P
   N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
logo
Fairchild Semiconductor
HUF76113DK8 FAIRCHILD-HUF76113DK8 Datasheet
347Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com