Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT7704 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NT7704
Description  240 Output LCD Segment/Common Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT7704 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NT7704 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7704 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
NT7704
3
Pad Description
Pad No.
Designation
I/O
Description
1 - 12
V0L
P
Power supply for LCD driver
13 - 20
V12L
P
Power supply for LCD driver
21 -28
V43L
P
Power supply for LCD driver
29 - 40
V5L
P
Power supply for LCD driver
41 - 66
VSS
P
Ground (0V), these pads must be connected to each other
67 - 92
VDD
P
Power supply for the logic system (+2.5 to +5.5V)
93 - 94
S/C
I
Segment mode/common mode selection
95 - 97
EIO2
I/O
Input/output for chip select or data of the shift register
98, 99, 100 -
116, 117, 118
D0 - D6
I
Display data input for segment mode
119 - 121
D7
I
Display data input for Segment mode/ Dual mode data input
122 - 124
XCK
I
Display data shift clock input for segment mode
125 - 127
DISPOFF
I
Control input for deselect output level
128 - 130
LP
I
Latch pulse input/shift clock input for the shift register
131 - 133
EIO1
I/O
Input/output for chip select or data of the shift register
134 - 136
FR
I
AC-converting signal input for LCD driver waveform
137 - 139
L/R
I
Display data shift direction selection
140 - 142
MD
I
Mode selection input
143 - 168
VSS
P
Ground (0V), these pads must be connected to each other
169 - 180
V5R
P
Power supply for LCD driver
181 - 188
V43R
P
Power supply for LCD driver
189 - 196
V12R
P
Power supply for LCD driver
197 - 208
V0R
P
Power supply for LCD driver
209 - 448
Y1 - Y240
O
LCD driver output


Similar Part No. - NT7704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7701H-BDT ETC-NT7701H-BDT Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7701H-TABF3 ETC-NT7701H-TABF3 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
NT7702H-BDT ETC1-NT7702H-BDT Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
More results

Similar Description - NT7704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com