Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBT3906DW1T1 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # MBT3906DW1T1
Description  Dual General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MBT3906DW1T1 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  MBT3906DW1T1 Datasheet HTML 1Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 2Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 3Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 4Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 5Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 6Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 7Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 8Page - E-Tech Electronics LTD MBT3906DW1T1 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MBT3904–5/12
MBT3904DW1T1 (NPN)
500
300
200
100
70
50
30
20
10
7
5
12
10
8
6
4
2
0
MBT3904DW1T1, MBT3906DW1T1, MBT3946DW1T1
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
I C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
I C , COLLECTOR CURRENT (mA)
Figure 6. Rise Time
I C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
I C , COLLECTOR CURRENT (mA)
Figure 8. Fall Time
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(V = 5.0 Vdc, T = 25°C, Bandwidth = 1.0 Hz)
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
500
300
200
100
70
50
30
20
10
7
5
500
300
200
100
70
50
30
20
10
7
5
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
f,FREQUENCY (kHz)
Figure 9. Noise Figure
R S , SOURCE RESISTANCE (k
Ω)
Figure 10. Noise Figure
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
14
12
10
8
6
4
2
0
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100


Similar Part No. - MBT3906DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBT3906DW1T1 LRC-MBT3906DW1T1 Datasheet
422Kb / 10P
   Dual General Purpose Transistors
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
MBT3906DW1T1G ONSEMI-MBT3906DW1T1G Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
MBT3906DW1T1G ONSEMI-MBT3906DW1T1G Datasheet
184Kb / 6P
   Dual General Purpose Transistor
October, 2009 ??Rev. 3
MBT3906DW1T1G ONSEMI-MBT3906DW1T1G Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
More results

Similar Description - MBT3906DW1T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com