Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBD110DWT1 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MBD110DWT1
Description  Dual SCHOTTKY Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MBD110DWT1 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MBD110DWT1 Datasheet HTML 1Page - E-Tech Electronics LTD MBD110DWT1 Datasheet HTML 2Page - E-Tech Electronics LTD MBD110DWT1 Datasheet HTML 3Page - E-Tech Electronics LTD MBD110DWT1 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBD54–1/4
1
3
2
Dual SCHOTTKY Barrier Diodes
MAXIMUM RATINGS (T = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@ T A = 25°C
150
mW
Derate above 25°C
1.2
mW/°C
Forward Current (DC)
I F
200 Max
mA
Junction Temperature
T J
125 Max
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MBD54DWT1 = BL
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V (BR)R
30
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
C T
7.6
10
pF
Reverse Leakage (V R = 25 V)
I R
0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
V F
0.22
0.24
Vdc
Forward Voltage (I F = 30 mAdc)
V F
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
V F
0.52
1.0
Vdc
Reverse Recovery Time
t rr
5.0
ns
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc) Figure 1
Forward Voltage (I F = 1.0 mAdc)
V F
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
V F
0.35
0.40
Vdc
Forward Current (DC)
I F
200
mAdc
Repetitive Peak Forward Current
I FRM
300
mAdc
Non–Repetitive Peak Forward Current (t <1.0s) I FSM
600
mAdc
6
4
5
SOT–363
CASE 419B–01, STYLE 6
MBD54DWT1
12
3
Anode
N/C
Cathode
Cathode
N/C
Anode
65
4
These SCHOTTKY barrier diodes are designed for high speed switching
applications, circuit protection, and vol tage clamping. Extremely low forward
voltage reduces conduction loss. Miniature surface mount package is excellent
for hand held and portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 V @ I F = 10 mAdc
30 VOLTS
DUAL HOT–CARRIER
DETECTOR AND SWITCHING
DIODES


Similar Part No. - MBD110DWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD110DWT1 MOTOROLA-MBD110DWT1 Datasheet
180Kb / 8P
   Dual Schottky Barrier Diodes
logo
Leshan Radio Company
MBD110DWT1 LRC-MBD110DWT1 Datasheet
244Kb / 5P
   Dual SCHOTTKY Barrier Diodes
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
logo
E-Tech Electronics LTD
MBD110DWT1 ETL-MBD110DWT1 Datasheet
546Kb / 5P
   Dual SCHOTTKY Barrier Diodes
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
64Kb / 6P
   Dual Schottky Barrier Diodes
March, 2007 ??Rev. 5
More results

Similar Description - MBD110DWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD54DWT1 ONSEMI-MBD54DWT1 Datasheet
51Kb / 4P
   Dual Schottky Barrier Diodes
February, 2005 ??Rev. 6
logo
Unisonic Technologies
BAT54A UTC-BAT54A_11 Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54ATB UTC-BAT54ATB Datasheet
182Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DW UTC-BAT54DW Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54SW UTC-BAT54SW Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1G ONSEMI-MBD110DWT1G_07 Datasheet
155Kb / 6P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 6
MBD54DWT1G ONSEMI-MBD54DWT1G_09 Datasheet
135Kb / 4P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 7
MBD110DWT1G ONSEMI-MBD110DWT1G_12 Datasheet
112Kb / 6P
   Dual Schottky Barrier Diodes
September, 2011 ??Rev. 7
logo
Unisonic Technologies
BAT54CTB UTC-BAT54CTB Datasheet
166Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com