Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1867M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1867M
Description  Two-Phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1867M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1867M Datasheet HTML 1Page - Sanyo Semicon Device LB1867M Datasheet HTML 2Page - Sanyo Semicon Device LB1867M Datasheet HTML 3Page - Sanyo Semicon Device LB1867M Datasheet HTML 4Page - Sanyo Semicon Device LB1867M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1867M
No. 6204-3/5
Block Diagram and Sample Application Circuit
Truth Table
IN+
IN–
CT
OUT1
OUT2
RD
H
L
L
H
L
L
L
H
L
L
H
L
H
L
H
H
H
H
L
H
H
H
H
H
*RD is a latch type output
Thermal
shutdown
H
Control block
Constant
VIN
R1
VCC
0.47to 10
µF
L2
L1
OUT1
OUT2
Z1
Z2
RD
GND
C1
CT
R2
IN+
IN–
current
source
Pin Description
Pin name
Function
IN–
Hall input + pin Hysteresis amplifier
IN+
Hall input – pin Hysteresis amplifier
CT
Lockup protection time setting capacitor pin (0.47 to 4.7
µF)
Z1
External Zener diode pin (external Zener diode to be connected between power supply and Z1)
Z2
Kickback absorption voltage alteration pin (shorted to Z1: 12V operation)
OUT1
Output 1 pin
OUT2
Output 2 pin
VIN
Regulated power supply input pin (limiting resistor to be inserted between power supply and VIN)
GND
GND pin
RD
Lockup detection pin (latch type)


Similar Part No. - LB1867M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
More results

Similar Description - LB1867M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
   Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
163Kb / 7P
   Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com