Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC945N Datasheet(PDF) 2 Page - AUK corp

Part # STC945N
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STC945N Datasheet(HTML) 2 Page - AUK corp

  STC945N Datasheet HTML 1Page - AUK corp STC945N Datasheet HTML 2Page - AUK corp STC945N Datasheet HTML 3Page - AUK corp STC945N Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-T0C003-001
2
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Collector power dissipation
PC
400
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Collector cut-off current
ICBO
VCB=50V, IE=0
-
-
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
µA
DC current gain
hFE
*
VCE=6V, IC=2mA
70
-
700
-
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Base-emitter voltage
VBE
VCE=6V, IC=2mA
-
0.67
0.9
V
Transition frequency
fT
VCE=10V, IC=10mA
-
200
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2
-
pF
* : hFE rank / O : 70 ~ 140, Y : 120 ~ 240, G : 200 ~ 400, L : 300 ~ 700
STC945N


Similar Part No. - STC945N

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC945 AUK-STC945 Datasheet
95Kb / 3P
   General small signal Amplifier
logo
Suntac Electronic Corp.
STC945 SUNTAC-STC945 Datasheet
122Kb / 3P
   General small signal amplifier
logo
KODENSHI_AUK CORP.
STC945 KODENSHI-STC945 Datasheet
231Kb / 4P
   NPN Silicon Transistor
STC945 KODENSHI-STC945 Datasheet
231Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STC945N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com