Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

555M-3401 Datasheet(PDF) 8 Page - LEDTRONICS, INC

Part # 555M-3401
Description  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-3401 Datasheet(HTML) 8 Page - LEDTRONICS, INC

Back Button 555M-3401 Datasheet HTML 4Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 5Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 6Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 7Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 8Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 9Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 10Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 11Page - LEDTRONICS, INC 555M-3401 Datasheet HTML 12Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
.100
.100
.100
[2.6]
[2.6]
[2.6]
.025
[0.6]
BILEVEL T1 [5mm] LEDs
3/
4
.450
.560
.560
.450
.450
.248
.248
.248
.248
.248
.036
.496
.744
.992
.100
.100
.100 TYP
.100 TYP
.100 TYP
.148
.148 TYP
.148 TYP
.120
.080
.190
.190
.120
.375
.375
.375
.375
.375
.230
.340
.340
.230
.230
.330
.440
.440
.330
.330
.500
.500
.500
.500
.500
.125
.125
.125
.125
.125
.150
.150
.150
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.275
.275
.275
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[3.8]
[3.8]
[3.8]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[7.0]
[7.0]
[7.0]
LED 2
LED 2
LED 2
LED 2
LED 2
LED 1
LED 2
LED 2
LED 2
LED 1
LED 1
LED 1
LED 1
LED 1
LED 1
LED 1
LED 2
LED 1
LED 2
LED 1
LED 2
LED 1
[11.4]
[14.2]
[14.2]
[11.4]
[11.4]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[0.9]
[12.6]
[18.9]
[25.2]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[3.8]
[3.8]
[3.8]
[3.1]
[2.0]
[4.8]
[4.8]
[3.0]
[9.5]
[9.5]
[9.5]
[9.5]
[9.5]
[5.8]
[8.6]
[8.6]
[5.8]
[5.8]
[8.4]
[10.2]
[10.2]
[8.4]
[8.4]
24PCT200-SI
23PCT200-SI
+
+
+
+
+
+
+++
+
+
+
+
+
22PCT200-SI
21PCT190
21PCS190
21PCS200
21PCT200
21PCT200-SI
21PCT190-SI
7
RED
COLOR
R
CODE
2.0/2.8
Vf
12/38
Iv mcd
20/30
mA
YELLOW
Y
2.1/2.8
8/25
20/30
GREEN
G
2.2/2.8
8/25
20/30
BLUE
B
3.2/3.7
4/8
20/30
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED 2 COLOR
SPECIAL OPTIONS
LED 1 COLOR
22PCT200T4-X/X-SI
SPECIALS
+
+
+
+
+
+
+
+
+
+


Similar Part No. - 555M-3401

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
555MABA01KJ ILLINOISCAPACITOR-555MABA01KJ Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
555MABA01KJ ILLINOISCAPACITOR-555MABA01KJ Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 555M-3401

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com