Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5511-H Datasheet(PDF) 2 Page - AUK corp

Part # SR5511-H
Description  LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR5511-H Datasheet(HTML) 2 Page - AUK corp

  SR5511-H Datasheet HTML 1Page - AUK corp SR5511-H Datasheet HTML 2Page - AUK corp SR5511-H Datasheet HTML 3Page - AUK corp SR5511-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2O026-000
2
SR5511-H / SR5511-H(B)
Absolute Maximum Ratings
(Ta=25℃)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
75
mW
Forward current
IF
30
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
**2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
(Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 5mA
-
2.0
2.5
V
Luminous intensity
IV
IF= 5mA
110
-
-
mcd
Peak wavelength
λP
IF= 5mA
-
660
-
nm
Spectrum bandwidth
λ
IF= 5mA
-
20
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 5mA
-
±20
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - SR5511-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR5511-U AUK-SR5511-U Datasheet
211Kb / 4P
   LED Lamp
More results

Similar Description - SR5511-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com