Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3317E-H Datasheet(PDF) 2 Page - AUK corp

Part # SB3317E-H
Description  High Brightness LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SB3317E-H Datasheet(HTML) 2 Page - AUK corp

  SB3317E-H Datasheet HTML 1Page - AUK corp SB3317E-H Datasheet HTML 2Page - AUK corp SB3317E-H Datasheet HTML 3Page - AUK corp SB3317E-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2B003-000
2
SB3317E-H / SB3317E-H(B)
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
75
mW
Forward current
IF
20
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Recommend document
-. LED is very sensitive to ESD.
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 20mA
2.9
-
3.8
V
*4Luminous intensity
IV
IF= 20mA
230
-
1170
mcd
Dominant wavelength
λD
IF= 20mA
460
468
475
nm
Spectrum bandwidth
λ
IF= 20mA
-
26
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 20mA
-
±22
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous intensity maximum tolerance for each grade classification limit is ±18%
● VF / IV / λD Grade Classification
Test Condition @IF = 20mA
Forward Voltage [V]
Luminous Intensity [mcd]
Dominant Wavelength [nm]
N : 230~350
1 : 2.9~3.2
a : 460~465
O : 350~520
2 : 3.2~3.5
b : 465~470
P : 520~780
3 : 3.5~3.8
Q : 780~1170
c : 470~475
(Do not use to combine grade classification. It must be used separately grade classification)


Similar Part No. - SB3317E-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SB3317E-G AUK-SB3317E-G Datasheet
209Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SB3317E-G KODENSHI-SB3317E-G Datasheet
314Kb / 5P
   LAMP LED
logo
AUK corp
SB3317E-GB AUK-SB3317E-GB Datasheet
209Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SB3317E-GB KODENSHI-SB3317E-GB Datasheet
302Kb / 4P
   LAMP LED
More results

Similar Description - SB3317E-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com