Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7125F Datasheet(PDF) 2 Page - AUK corp

Part # S7125F
Description  Standard Voltage Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7125F Datasheet(HTML) 2 Page - AUK corp

  S7125F Datasheet HTML 1Page - AUK corp S7125F Datasheet HTML 2Page - AUK corp S7125F Datasheet HTML 3Page - AUK corp S7125F Datasheet HTML 4Page - AUK corp S7125F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-I5B001-001
2
S71xxF
Maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply Voltage
VCC
-0.3 ~ +15
V
Power Dissipation
PD
500
mW
Output Voltage
VOUT
-0.3 ~ +15
V
Operating Temperature Range
TOPR
-30 ~ +75
Storage Temperature Range
TSTG
-55 ~ +150
Electrical Characteristics
(VCC=5V, Ta=25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
S7145F
4.35
4.5
4.65
S7142F
4.05
4.2
4.35
S7139F
3.75
3.9
4.05
S7136F
3.45
3.6
3.75
S7133F
3.15
3.3
3.45
S7131F
2.95
3.1
3.25
S7129F
2.75
2.9
3.05
S7127F
2.55
2.7
2.85
S7125F
2.35
2.5
2.65
Detecting Voltage
VS
1
RL=200Ω
VCC=H→L
VOL≤0.4V
S7123F
2.15
2.3
2.45
V
Hysteresis Voltage
Δ
VS
1
RL=200Ω, VCC = L→H→L
30
50
100
Temperature Coefficient
of Detecting Voltage
VS /ΔT
1
RL =200Ω, Ta= -30 ~ +75℃
-
±
0.01
-
%/℃
Low Level Output voltage
VOL
1
RL =200Ω, VCC = VS Min
-
-
0.4
V
Leakage Current When OFF
ILEAK
1
VCC=15V, RL=200Ω
-
-
0.1
µA
Circuit current at ON
ICCL
1
VCC = VS Min
-
300
500
µA
Circuit current at OFF
ICCH
1
VCC = VS Max +0.1V
-
30
50
µA
Threshold operating Voltage
VOPR
1
RL =200Ω, VOL≤0.4V
-
0.8
1.6
V
Output Current at ON I
IOL I
1
RL =0Ω, VCC = VS Min - 0.05V
20
-
-
mA
Output Current at ON II
IOL II
1
RL =0Ω, VCC = VS Min - 0.05V
Ta= -30 ~ +75℃
16
-
-
mA
L→H Transmission delay time
tPLH
2
RL =1.0 ㏀, CL=100 ㎊
-
15
-
H→L Transmission delay time
tPHL
2
RL =1.0 ㏀, CL=100 ㎊
-
10
-
VS : Standard Detection Voltage


Similar Part No. - S7125F

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7125 AUK-S7125 Datasheet
256Kb / 5P
   Standard Voltage Detector
S7125AM AUK-S7125AM Datasheet
211Kb / 3P
   Bipolar Linear Integrated Circuit
S7125LSF AUK-S7125LSF Datasheet
94Kb / 4P
   Bipolar Linear Integrated Circuit
S7125SF AUK-S7125SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7125SF AUK-S7125SF Datasheet
255Kb / 5P
   Standard Voltage Detector
More results

Similar Description - S7125F

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510_1 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
logo
AUK corp
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com