Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1117-15D Datasheet(PDF) 3 Page - AUK corp

Part # S1117-15D
Description  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117-15D Datasheet(HTML) 3 Page - AUK corp

  S1117-15D Datasheet HTML 1Page - AUK corp S1117-15D Datasheet HTML 2Page - AUK corp S1117-15D Datasheet HTML 3Page - AUK corp S1117-15D Datasheet HTML 4Page - AUK corp S1117-15D Datasheet HTML 5Page - AUK corp S1117-15D Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSD-I6O001-000
3
S1117AD/S1117-xxD
Electrical Characteristics
(Electrical Characteristics at 0℃≤Ta≤125℃ and VI=(VO+1.5V), Io=10mA, CO=10µF, unless otherwise specified.)
Characteristic
Symbol
Device
Test Condition
Min
Typ
Max
Unit
*
1.23
1.28
S1117A
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
1.20
1.25
1.30
*
1.47
1.53
S1117-15
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
1.44
1.50
1.56
*
1.76
1.84
S1117-18
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
1.73
1.80
1.87
*
2.45
2.55
S1117-25
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
2.40
2.50
2.60
*
2.79
2.91
S1117-285
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
2.74
2.85
2.96
*
3.23
3.30
3.37
S1117-33
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
3.17
3.43
*
4.90
5.00
5.10
Output voltage
VO
S1117-50
VI = (VO+1.5V) to 7V
IO = 0 to 1000mA
4.80
5.20
V
Line regulation
(Note4)
│ V
O(△VI)
All
1.5V≤ VI-VO≤7V
IO=10mA
*
-
5
10
mV
Load regulation
(Note4)
│ V
O(△IL)
All
1.5V≤ VI-VO≤7V
IO=10mA ~ 1000mA
*
-
10
30
mV
Quiescent
current
IQC
All
IO=0
-
7
13
mA
Minimum load
current
I L(MIN)
S1117A
VAdj=0V
3
7
mA
Adjust pin
current
IADJ
S1117A
VI = (VO+1.5V) to 7V
IO = 100mA
55
90
µA
Adjust pin
current change
│∆IADJ
S1117A
1.5V ≤ VI - VO ≤ 7V
IO=10mA ~ 1000mA
1
5
µA
Dropout voltage
VDROP
All
IO =1000mA
*
-
1.2
1.3
V
Ripple
rejection
ratio
RR
All
IO=1000mA
VRipple=1VP-P , f=120 ㎐
*
60
72
-
dB
Current limit
ILIMIT
All
IO≥1000mA
*1.1
A
[ * ] Ta=25℃
Note 4: Low duty pulse testing with Kelvin connections required.


Similar Part No. - S1117-15D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-15 AUK-S1117-15 Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-15PI AUK-S1117-15PI Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-15PIC AUK-S1117-15PIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-15PIC AUK-S1117-15PIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-15Q AUK-S1117-15Q Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results

Similar Description - S1117-15D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com