Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5308-31B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5308-31B
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308-31B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5308-31B Datasheet HTML 1Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 2Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 3Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-31B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, CIN=COUT=1
µF, T
J=0 to 125°C.
Typical values refer to TJ=25
°C.
APL5308/9
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
6
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT <
VOUT -2
% VOUT VOUT +2%
V
ILIMIT
Circuit Current Limit
VIN=VOUT+1V
650
mA
ISHORT
Short Current
VOUT=0V
50
mA
IOUT
Load Current
VIN=VOUT+1V
300
mA
REGLINE Line Regulation
VOUT+1V< VCC<6.0V, IOUT=1mA
1
10
mV
REGLOAD Load Regulation
VIN =VOUT+1V, 0mA< IOUT < IMAX
10
25
mV
Load Transient
VIN= VOUT+1V , IOUT=1mA-300mA in
1
µs
150
250
mV
Pin Description
PIN
No.
Name
I/O
Description
1VIN
I
Supply voltage input.
2GND
Ground pins of the circuitry, and all ground pins must be soldered
To PCB with proper power dissipation.
3VOUT
O
Output pin of the regulator.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
RTH,JA
Thermal Resistance – Junction to Ambient
SOT-23 : 260
SOT-23-5 : 260
SOT-89 :180
°C/W
RTH,JC
Thermal Resistance – Junction to Case
SOT-23 : 130
SOT-23-5 : 130
SOT-89 : 38
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C


Similar Part No. - APL5308-31B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-31B ANPEC-APL5308-31B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308-31B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com