Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5308-29B Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5308-29B
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308-29B Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5308-29B Datasheet HTML 1Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 2Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 3Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-29B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
5
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3456
0
50
100
150
200
250
300
350
400
450
0
100
200
300
400
500
0
50
100
150
200
250
300
350
400
450
01
234
56
Typical Characteristics
Quiescent Current vs. Input Voltage
Input Voltage (V)
Quiescent Current vs. Output Current
Output Current (mA)
Output Voltage vs. Input Voltage
Input Voltage (V)
APL5308/9-33
V
IN=5V
I
OUT=0mA
APL5308/9-33
APL5308/9-33
I
OUT=0mA
3.28
3.28
3.29
3.29
3.30
3.30
3.31
3.31
-40
-20
0
20406080
100 120 140
Output Voltage vs. Temperature
Temperature (°C )
APL5308/9-33


Similar Part No. - APL5308-29B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-29B ANPEC-APL5308-29B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308-29B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com