Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH1382P Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # MH1382P
Description  Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MH1382P Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  MH1382P Datasheet HTML 1Page - PerkinElmer Optoelectronics MH1382P Datasheet HTML 2Page - PerkinElmer Optoelectronics MH1382P Datasheet HTML 3Page - PerkinElmer Optoelectronics MH1382P Datasheet HTML 4Page - PerkinElmer Optoelectronics MH1382P Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MH 900 Series
1/3” CPM Module
Technical Specifications
Input voltage
5 V to +5.5 V DC
Input current
< 200 mA
Max. linear anode current
(DC linearity limit) 10% of bias current
Max. anode current*
10 µA (max. 30 sec.)
Gating input
TTL, active high (switches cathode potential higher than channel entrance potential)
Monitor voltage out
|V
ChannelEntrance|/1000
High voltage adjust
by internal potentiometer, |0 ... 2900 V| V
ChannelEntrance
by external control voltage (0 ... 3 V),via OpAmp circuit
Operating temperature
5 to 40 °C
Storage temperature
-20 to 50 °C
Weight:
approx. 225 g
Operating Conditions
Performance Characteristics
Spectral response
0.1
1
10
10 0
10 0
200
300
400
50 0
600
70 0
800
900
Wavelength (nm )
C 9 11
C 942
C 962
C 921
C 9 52
C 9 72
C 943
C 9 73
C 983
C 982
C 922
C 944
Equivalent Noise Input
1E-18
1E-17
1E-16
1E-15
1E-14
100
200
300
400
500
600
700
800
900
Wavelength (nm)
C 911 C 922
C 942
C 952
C 962
C 972
C 982
Current Amplification/vs Control Voltage
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
0,9
1,4
1,9
2,4
2,9
Control Voltage / V
* for long term operation: max average anode
current of <100 nA is recommended
*) Additional models on request


Similar Part No. - MH1382P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MH13 MOSPEC-MH13 Datasheet
135Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
M-System Co.,Ltd.
MH130A MSYSTEM-MH130A Datasheet
106Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MTRONPTI
MH13FAD MTRONPTI-MH13FAD Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH13FAD-R MTRONPTI-MH13FAD-R Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH13FAD-R MTRONPTI-MH13FAD-R Datasheet
393Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH1382P

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MD900 PERKINELMER-MD900 Datasheet
357Kb / 5P
   Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
Diodes Incorporated
AH3382 DIODES-AH3382_18 Datasheet
752Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH
logo
Hamamatsu Corporation
R9110 HAMAMATSU-R9110 Datasheet
177Kb / 4P
   PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619_15 Datasheet
200Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11152 HAMAMATSU-C11152_15 Datasheet
161Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C11784-12 HAMAMATSU-C11784-12 Datasheet
177Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C10940 HAMAMATSU-C10940_15 Datasheet
114Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
C10940-03 HAMAMATSU-C10940-03 Datasheet
122Kb / 2P
   HIGH VOLTAGE POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com