Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401N Datasheet(PDF) 1 Page - AUK corp

Part # 2N5401N
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2N5401N Datasheet(HTML) 1 Page - AUK corp

  2N5401N Datasheet HTML 1Page - AUK corp 2N5401N Datasheet HTML 2Page - AUK corp 2N5401N Datasheet HTML 3Page - AUK corp 2N5401N Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0C040-000
1
2N5401N
PNP Silicon Transistor
Description
• General purpose amplifier
• High voltage application
Features
• High collector breakdown voltage : VCBO = -160V, VCEO = -160V
• Low collector saturation voltage : VCE(sat)=-0.5V(MAX.)
• Complementary pair with 2N5551N
Ordering Information
Type NO.
Marking
Package Code
2N5401N
2N5401
TO-92N
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Base
3. Collector
0.40 Max.
1.27 Typ.
0.52 Max.
2.25 Max.
4.20~4.40
0.90 Max.
3.55 Typ
2 3
1


Similar Part No. - 2N5401N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
Foshan Blue Rocket Elec...
2N5401 FOSHAN-2N5401 Datasheet
901Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Tiger Electronic Co.,Lt...
2N5401 TGS-2N5401 Datasheet
51Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
NXP Semiconductors
2N5401 PHILIPS-2N5401 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 08
More results

Similar Description - 2N5401N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com