Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR3011-40A Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APR3011-40A
Description  MicroPower Microprocessor Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3011-40A Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APR3011-40A Datasheet HTML 4Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 5Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 6Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 7Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 8Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 9Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 10Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 11Page - Anpec Electronics Coropration APR3011-40A Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APR3011/2/3
www.anpec.com.tw
8
Typical Characteristics
Power Up
Vcc(2V/div)
RESET(2V/div)
Power Down
Time (200ms/div)
Vcc(2V/div)
RESET(2V/div)
Time (10us/div)
Vcc to RESET Delay
Vcc(0.5V/div)
Vcc=VTH to (VTH-100mV)
RESET(2V/div)
Time (50ms/div)


Similar Part No. - APR3011-40A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR301115AI-TRG ANPEC-APR301115AI-TRG Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR301115BI-TRG ANPEC-APR301115BI-TRG Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR301115DI-TRG ANPEC-APR301115DI-TRG Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR301146AI-TRG ANPEC-APR301146AI-TRG Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR3011-40A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com