Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW38HC45AKC-TRL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW38HC45AKC-TRL
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC45AKC-TRL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW38HC45AKC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC45AKC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
2
Duty Cycle
Startup 8.4V
Minimum Operating 7.6V
Startup 14.5V
Minimum Operating 9V
0~96%
APW38HC43A
APW38HC42A
0~50%
APW38HC45A
APW38HC44A
Block Diagram
Functional Pin Description
Pin Name
Pin Number
Function Description
1
COMP
Compensation: Connect external compensation network to
modify the error amplifier output.
2
FB
Feedback (Input): Error amplifier input. Feedback is 2.5V at
desired output voltage.
3ISNS
Current Sense (Input): Current sense comparator input.
Connect to current sensing resistor or current transformer.
4
RT/CT
Timing Resistor/Timing Capacitor: Connect external RC
network to select switching frequency.
5
GND
Ground: Combined analog and power ground.
6
OUT
Power Output: Totem-pole output.
7VDD
Analog Supply (Input): Controller circuitry supply input. Return
to analog ground (AGND).
8
VREF
5V Reference (Output): Connect external RC network.
UVLO
T
Q
Oscillator
5V
Reference
S
Q
R
+
-
+
-
OUT
ISNS
GND
COMP
2.5V
FB
RT/CT
VREF
VDD
R
2R
E. A.
Selection Guide


Similar Part No. - APW38HC45AKC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC45AKC-TRL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com