Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR3003-33A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APR3003-33A
Description  MicroPower Microprocessor Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3003-33A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APR3003-33A Datasheet HTML 1Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 2Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 3Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 4Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 5Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 6Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 7Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 8Page - Anpec Electronics Coropration APR3003-33A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3001/2/3
www.anpec.com.tw
4
Part Number Description
Part Number
Part Description
APR3001
Reset Output Push Pull Active Low with Delay
APR3002
Reset Output Push Pull Active High with Delay
APR3003
Reset Output Open Drain Active Low with Delay
Electrical Characteristics
VIN = 5V, TA = -40 to 85
°C unless otherwise noted. Typical values are at TA=25°C, VCC = 5V for 4.38V
versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V. versions and VCC = 2.5V for 2.32V
versions, VCC = 2.0V for 1.75V versions , VCC = 1.8V for 1.5V versions.
APR3001/2/3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
1.2
6
V
ICC
Supply Current
VCC=1.5V~6V
1.5
4
µA
T A=-40 to 85°C
3
5
T A=25°C
±1.5%
VTH
Reset Threshold
T A=-40 to 85°C
±2%
VHYST
Hysteresis Range
20
mV
TRTP
Reset Timeout Period
150
250
350
ms
VOL
Reset Output Low
ISINK=1.2mA
0.5
V
VOH
Reset Output High
ISOURCE=0.6mA
0.8*VCC
TD
VCC to Reset Delay
VCC=VTH to (VTH-100mV)
25
µS
ILE
Reset Output Leakage
0.5
µA
VCC
VCC
GND
100k
APR3003 RESET
RESET
INPUT
µP
VCC
GND
VCC
VCC
GND
RESET
(RESET)
RESET
INPUT
µP
VCC
GND
APR3001
APR3002
Application Circuit


Similar Part No. - APR3003-33A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR300315AI-TRG ANPEC-APR300315AI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300315AI-TRL ANPEC-APR300315AI-TRL Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300315BI-TRG ANPEC-APR300315BI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300315BI-TRL ANPEC-APR300315BI-TRL Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300315DI-TRG ANPEC-APR300315DI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR3003-33A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com