Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9145EE-TB Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APX9145EE-TB
Description  High Sensitivity Hall Effect Sensor IC with FG Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9145EE-TB Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9145EE-TB Datasheet HTML 2Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 3Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 4Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 5Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 6Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 7Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 8Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 9Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.2 - Nov., 2005
APX9145
www.anpec.com.tw
7
Package Information
TO-92M4
A
L1
J
D
b1
e1
e
Sensitive Area (0.286 0.286mm2)
Position of Hall Sensor
reference to the top-left of package
x= 1.35 0.1mm
y= 1.75 0.1mm
1.35mm
±
±
×
S
E
L
C
IC chip
Marking Surface
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
3.60
3.70
0.141
0.145
b1
0.35
0.41
0.014
0.016
C
0.351
0.411
0.014
0.016
D
5.17
5.27
0.203
0.207
e
3.78
3.84
0.148
0.150
e1
1.24
1.30
0.049
0.051
E
1.50
1.60
0.059
0.063
J
4.04
4.34
0.158
0.170
L
14.0
15.0
0.549
0.588
L1
1.342
1.542
0.053
0.060
S
0.45
0.55
0.018
0.022


Similar Part No. - APX9145EE-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9145EE-TB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Winson Semiconductor Co...
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com