Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9145EE-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9145EE-TR
Description  High Sensitivity Hall Effect Sensor IC with FG Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9145EE-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9145EE-TR Datasheet HTML 1Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 2Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 3Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 4Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 5Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 6Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 7Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 8Page - Anpec Electronics Coropration APX9145EE-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.2 - Nov., 2005
APX9145
www.anpec.com.tw
3
APX9145
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSAT
Output Saturation Voltage
IOUT = 400mA
700
900
mV
ICC
Supply Current
11
15
mA
IOFF
FG OFF Leakage Current
1
µA
VON
FG ON Saturation Voltage
IFG = 5mA
0.2
0.4
V
Vclamp
Clamp Output Voltage
33
V
tr
Output Rise Time
RL = 200
Ω, C
L = 10pF
0.4
µS
tf
Output Fall Time
R
L = 200Ω, CL = 10pF
0.1
µS
td
Propagation Delay Time
RL = 200
Ω, C
L = 10pF
2
µS
Electrical Characteristics (T
A = 25°C, VCC=12V unless otherwise noted)
Magnetic Characteristics (T
A = 25°C, VCC=12V unless otherwise noted)
APX9145
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Bop
Magnetic Operate Points
10
65
Gauss
Brp
Magnetic Release Points
-65
-10
Gauss
Symbol
Parameter
Rating
Unit
VCC
Supply voltage (DO/DOB Voltage)
3.7 to 20
V
IOUT
Maximum Output Sink Current
400
mA
I
FG
Maximum FG Sink Current
5
mA
VOFF
Maximum FG Pin Off Voltage
20
V
TJ
Operating Ambient Temperature
-20 to 70
°C
TA
Junction Temperature Range
-20 to 125
°C
Recommended Operating Conditions (T
A = 25°C)


Similar Part No. - APX9145EE-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9145EE-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Winson Semiconductor Co...
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com